Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 142 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 142 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 138Page - Texas Instruments DRA751ABC Datasheet HTML 139Page - Texas Instruments DRA751ABC Datasheet HTML 140Page - Texas Instruments DRA751ABC Datasheet HTML 141Page - Texas Instruments DRA751ABC Datasheet HTML 142Page - Texas Instruments DRA751ABC Datasheet HTML 143Page - Texas Instruments DRA751ABC Datasheet HTML 144Page - Texas Instruments DRA751ABC Datasheet HTML 145Page - Texas Instruments DRA751ABC Datasheet HTML 146Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 142 / 443 page
background image
142
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
(1) AEC Q100-002 indicates that HBM stressing shall be in accordance with the ANSI/ESDA/JEDEC JS-001 specification.
5.3
Power on Hour (POH) Limits
The information in the section below is provided solely for your convenience and does not extend or
modify the warranty provided under TI’s standard terms and conditions for TI semiconductor products.
NOTE
POH is a functional of voltage, temperature and time. Usage at higher voltages and
temperatures will result in a reduction in POH to achieve the same reliability performance.
For assessment of alternate use cases, contact your local TI representative.
Table 5-3. Power on Hour (POH) Limits
IP
Duty Cycle
Voltage Domain
Voltage (V) (max)
Frequency (MHz)
(max)
Tj(°C)
POH
Arm
70%
vdd_mpu
OPP_HIGH
1500
Automotive Profile(1)
20000
30%
vdd_mpu
Retention
0
40%
vdd_mpu
OPP_HIGH
1500
Automotive Profile(1)
20000
60%
vdd_mpu
OPP_HIGH
1000
55%
vdd_mpu
OPP_HIGH
1500
Automotive Profile(1)
20000
45%
vdd_mpu
OPP_NOM
1000
100%
vdd_mpu
OPP_HIGH
1176
Automotive Profile(1)
20000
100%
vdd_mpu
OPP_NOM
1000
Automotive Profile(1)
20000
Others(2)
100%
All
All Support OPPs
Automotive Profile(1)
20000
(1) Automotive profile is defined as 20000 power on hours with junction temperature as follows: 5%@-40°C, 65%@70°C, 20%@110°C,
10%@125°C.
(2) Others covers all other IP's voltage and temperature combinations that are not specified in the table, and are constrained by other
sections of this data manual.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com