Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 146 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 146 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 142Page - Texas Instruments DRA751ABC Datasheet HTML 143Page - Texas Instruments DRA751ABC Datasheet HTML 144Page - Texas Instruments DRA751ABC Datasheet HTML 145Page - Texas Instruments DRA751ABC Datasheet HTML 146Page - Texas Instruments DRA751ABC Datasheet HTML 147Page - Texas Instruments DRA751ABC Datasheet HTML 148Page - Texas Instruments DRA751ABC Datasheet HTML 149Page - Texas Instruments DRA751ABC Datasheet HTML 150Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 146 / 443 page
background image
146
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-4. Recommended Operating Conditions (continued)
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
vddshv6
Dual Voltage (1.8V or
3.3V) power supply for
the VIN1 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv7
Dual Voltage (1.8V or
3.3V) power supply for
the WIFI Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv8
Dual Voltage (1.8V or
3.3V) power supply for
the MMC1 Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vddshv9
Dual Voltage (1.8V or
3.3V) power supply for
the RGMII Power Group
pins
1.8-V Mode
1.71
1.80
1.836
1.89
V
3.3-V Mode
3.135
3.30
3.366
3.465
Maximum noise (peak-
peak)
1.8-V Mode
50
mVPPmax
3.3-V Mode
vss
Ground supply
0
V
vssa_hdmi
DPLL_HDMI and HDMI PHY analog
ground
0
V
vssa_pcie
PCIe analog ground
0
V
vssa_usb
HS USB1 and HS USB2 analog
ground
0
V
vssa_usb3
DPLL_USB and USB3.0 RX/TX
analog ground
0
V
vssa_video
DPLL_VIDEO1 and DPLL_VIDEO2
analog ground
0
V
vssa_osc0
OSC0 analog ground
0
V
vssa_osc1
OSC1 analog ground
0
V
TJ
(1)
Operating junction
temperature range
Automotive
-40
125(5)
°C
ddr1_vref0
Reference Power Supply DDR1
0.5*vdds_ddr1
V
ddr2_vref0
Reference Power Supply DDR2
0.5*vdds_ddr2
V
(1) Refer to Power on Hours table Table 5-3 for limitations.
(2) The voltage at the device ball should never be below the MIN voltage or above the MAX voltage for any amount of time. This
requirement includes dynamic voltage events such as AC ripple, voltage transients, voltage dips, etc.
(3) The DC voltage at the device ball should never be above the MAX DC voltage to avoid impact on device reliability and lifetime POH
(Power-On-Hours). The MAX DC voltage is defined as the highest allowed DC regulated voltage, without transients, seen at the ball.
(4) If DDR2 type of memories are used, the EMIF power supply (vdds_ddrx) and the corresponding bias power supply (vdds18v_ddrx) must
be sourced from single power source.
(5) The TSHUT feature of the SoC resets the device by default when one of the on-die temp sensors reports 123°C. This is intended to
protect the device from exceeding 125°C. Though not recommended, the TSHUT temperature threshold can be modified in software if
other mechanisms are in place to avoid exceeding 125°C. Refer to the device TRM for details on the TSHUT feature.
5.5
Operating Performance Points
This section describes the operating conditions of the device. This section also contains the description of
each OPP (operating performance point) for processor clocks and device core clocks.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com