Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 147 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 147 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 143Page - Texas Instruments DRA751ABC Datasheet HTML 144Page - Texas Instruments DRA751ABC Datasheet HTML 145Page - Texas Instruments DRA751ABC Datasheet HTML 146Page - Texas Instruments DRA751ABC Datasheet HTML 147Page - Texas Instruments DRA751ABC Datasheet HTML 148Page - Texas Instruments DRA751ABC Datasheet HTML 149Page - Texas Instruments DRA751ABC Datasheet HTML 150Page - Texas Instruments DRA751ABC Datasheet HTML 151Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 147 / 443 page
background image
147
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-5 describes the maximum supported frequency per speed grade for DRA75x/DRA74x devices.
Table 5-5. Speed Grade Maximum Frequency
DEVICE
SPEED
MAXIMUM FREQUENCY (MHz)
MPU
DSP
EVE
IVA
GPU
IPU
L3
DDR3/DDR3L
DDR2
DRA7xxxP
1500
750
650 (1)
532
532
212.8
266
532 (DDR3-1066)
400 (DDR2-800)
DRA7xxxL
1176
750
650 (1)
532
532
212.8
266
532 (DDR3-1066)
400 (DDR2-800)
DRA7xxxJ
1000
750
650 (1)
532
532
212.8
266
532 (DDR3-1066)
400 (DDR2-800)
(1) Applicable for DRA754, DRA755, and DRA756. Not Applicable for all other devices!
5.5.1
AVS and ABB Requirements
Adaptive Voltage Scaling (AVS) and Adaptive Body Biasing (ABB) are required on most of the vdd_*
supplies as defined in Table 5-6.
Table 5-6. AVS and ABB Requirements per vdd_* Supply
SUPPLY
AVS REQUIRED?
ABB REQUIRED?
vdd
Yes, for all OPPs
No
vdd_mpu
Yes, for all OPPs
Yes, for all OPPs
vdd_iva
Yes, for all OPPs
Yes, for all OPPs
vdd_dspeve
Yes, for all OPPs
Yes, for all OPPs
vdd_gpu
Yes, for all OPPs
Yes, for all OPPs
vdd_rtc
No
No
5.5.2
Voltage And Core Clock Specifications
Table 5-7 shows the recommended OPP per voltage domain.
Table 5-7. Voltage Domains Operating Performance Points
DOMAIN
CONDITION
OPP_NOM
OPP_OD
OPP_HIGH
MIN
(2)
NOM (1) MAX (2)
MIN (2)
NOM (1) MAX (2)
MIN (2)
NOM (1) MAX DC
(3)
MAX (2)
VD_CORE (V)
BOOT (Before AVS is
enabled) (4)
1.11
1.15
1.2
Not Applicable
Not Applicable
After AVS is enabled (4)
AVS
Voltag
e (5) –
3.5%
AVS
Voltage
(5)
1.2
Not Applicable
Not Applicable
VD_MPU (V)
BOOT (Before AVS is
enabled) (4)
1.11
1.15
1.2
Not Applicable
Not Applicable
After AVS is enabled (4)
AVS
Voltag
e (5) –
3.5%
AVS
Voltage
(5)
1.2
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
AVS
Voltage
(5) +
5%
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
AVS
Voltage
(5) +2%
AVS
Voltage
(5) +
5%
VD_RTC (V) (6)
-
0.84
0.88 to
1.06
1.16
Not Applicable
Not Applicable
Others (V)
BOOT (Before AVS is
enabled) (4)
1.02
1.06
1.16
Not Applicable
Not Applicable
After AVS is enabled (4)
AVS
Voltag
e (5) –
3.5%
AVS
Voltage
(5)
1.16
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
AVS
Voltage
(5) +
5%
AVS
Voltage
(5) –
3.5%
AVS
Voltage
(5)
AVS
Voltage
(5) +2%
AVS
Voltage
(5) +
5%



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com