Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 149 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 149 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 145Page - Texas Instruments DRA751ABC Datasheet HTML 146Page - Texas Instruments DRA751ABC Datasheet HTML 147Page - Texas Instruments DRA751ABC Datasheet HTML 148Page - Texas Instruments DRA751ABC Datasheet HTML 149Page - Texas Instruments DRA751ABC Datasheet HTML 150Page - Texas Instruments DRA751ABC Datasheet HTML 151Page - Texas Instruments DRA751ABC Datasheet HTML 152Page - Texas Instruments DRA751ABC Datasheet HTML 153Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 149 / 443 page
background image
149
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
Table 5-9. Maximum Supported Frequency (continued)
Module
Clock Sources
Instance Name
Input Clock Name
Clock
Type
Max. Clock
Allowed (MHz)
PRCM Clock Name
PLL / OSC /
Source Clock
Name
PLL / OSC /
Source Name
AES2
AES2_L3_CLK
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
ATL
ATL_ICLK_L3
Int
266
ATL_L3_GICLK
CORE_X2_CLK
DPLL_CORE
ATLPCLK
Func
266
ATL_GFCLK
CORE_X2_CLK
DPLL_CORE
PER_ABE_X1_GF
CLK
DPLL_ABE
FUNC_32K_CLK
OSC1
RTC Oscillator
VIDEO1_CLK
DPLL_VIDEO1
VIDEO2_CLK
DPLL_VIDEO2
HDMI_CLK
DPLL_HDMI
BB2D
BB2D_FCLK
Func
354.6
BB2D_GFCLK
BB2D_GFCLK
DPLL_CORE
BB2D_ICLK
Int
266
DSS_L3_GICLK
CORE_X2_CLK
DPLL_CORE
COUNTER_32K
COUNTER_32K_F
CLK
Func
0.032
FUNC_32K_CLK
SYS_CLK1/610
OSC1
COUNTER_32K_IC
LK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
CTRL_MODULE_B
ANDGAP
L3INSTR_TS_GCL
K
Int
4.8
L3INSTR_TS_GCLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
CTRL_MODULE_C
ORE
L4CFG_L4_GICLK
Int
133
L4CFG_L4_GICLK
CORE_X2_CLK
DPLL_CORE
CTRL_MODULE_
WKUP
WKUPAON_GICLK
Int
38.4
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
DCAN1
DCAN1_FCLK
Func
38.4
DCAN1_SYS_CLK
SYS_CLK1
OSC1
SYS_CLK2
OSC2
DCAN1_ICLK
Int
266
WKUPAON_GICLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
DCAN2
DCAN2_FCLK
Func
38.4
DCAN2_SYS_CLK
SYS_CLK1
OSC1
DCAN2_ICLK
Int
266
L4PER2_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DES3DES
DES_CLK_L3
Int
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DLL
EMIF_DLL_FCLK
Func
EMIF_DLL_FC
LK
EMIF_DLL_GCLK
EMIF_DLL_GCLK
DPLL_DDR
DLL_AGING
FCLK
Int
38.4
L3INSTR_DLL_AGING
_GCLK
SYS_CLK1
OSC1
DPLL_ABE_X2_CL
K
DPLL_ABE
DMA_CRYPTO
DMA_CRYPTO_FC
LK
Int &
Func
266
L4SEC_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DMA_CRYPTO_IC
LK
Int
133
L4SEC_L4_GICLK
CORE_X2_CLK
DPLL_CORE
DMM
DMM_CLK
Int
266
EMIF_L3_GICLK
CORE_X2_CLK
DPLL_CORE
DPLL_DEBUG
SYSCLK
Int
38.4
EMU_SYS_CLK
SYS_CLK1
OSC1
DSP1
DSP1_FICLK
Int &
Func
DSP_CLK
DSP1_GFCLK
DSP_GFCLK
DPLL_DSP
DSP2
DSP2_FICLK
Int &
Func
DSP_CLK
DSP2_GFCLK
DSP_GFCLK
DPLL_DSP



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com