Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 143 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 143 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 139Page - Texas Instruments DRA751ABC Datasheet HTML 140Page - Texas Instruments DRA751ABC Datasheet HTML 141Page - Texas Instruments DRA751ABC Datasheet HTML 142Page - Texas Instruments DRA751ABC Datasheet HTML 143Page - Texas Instruments DRA751ABC Datasheet HTML 144Page - Texas Instruments DRA751ABC Datasheet HTML 145Page - Texas Instruments DRA751ABC Datasheet HTML 146Page - Texas Instruments DRA751ABC Datasheet HTML 147Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 143 / 443 page
background image
143
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Specifications
Copyright © 2015–2019, Texas Instruments Incorporated
5.4
Recommended Operating Conditions
The device is used under the recommended operating conditions described in Table 5-4.
NOTE
Logic functions and parameter values are not assured out of the range specified in the
recommended operating conditions.
Table 5-4. Recommended Operating Conditions
PARAMETER
DESCRIPTION
MIN (2)
NOM
MAX DC (3)
MAX (2)
UNIT
Input Power Supply Voltage Range
vdd
Core voltage domain supply
See Section 5.5
V
vdd_mpu
Supply voltage range for MPU domain
See Section 5.5
V
vdd_gpu
GPU voltage domain supply
See Section 5.5
V
vdd_dspeve
DSP-EVE voltage domain supply
See Section 5.5
V
vdd_iva
IVA voltage domain supply
See Section 5.5
V
vdd_rtc
RTC voltage domain supply
See Section 5.5
V
vdda_usb1
DPLL_USB and HS USB1 1.8V
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_usb2
HS USB2 1.8V analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda33v_usb1
HS USB1 3.3V analog power supply.If
USB1 is not used, this pin can
alternatively be connected to VSS if
the following requirements are met:
- The usb1_dm/usb1_dp pins are left
unconnected
- The USB1 PHY is kept powered
down
3.135
3.3
3.366
3.465
V
Maximum noise (peak-peak)
50
mVPPmax
vdda33v_usb2
HS USB2 3.3V analog power supply. If
USB2 is not used, this pin can
alternatively be connected to VSS if
the following requirements are met:
- The usb2_dm/usb2_dp pins are left
unconnected
- The USB2 PHY is kept powered
down
3.135
3.3
3.366
3.465
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_abe_per
DPLL_ABE, DPLL_PER, and PER
HSDIVIDER analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_ddr
DPLL_DDR and DDR HSDIVIDER
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_debug
DPLL_DEBUG analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_dsp_eve
DPLL_DSP and DPLL_EVE analog
power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_gmac_core
DPLL_CORE and CORE HSDIVIDER
analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax
vdda_gpu
DPLL_GPU analog power supply
1.71
1.80
1.836
1.89
V
Maximum noise (peak-peak)
50
mVPPmax



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com