Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 139 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 139 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 135Page - Texas Instruments DRA751ABC Datasheet HTML 136Page - Texas Instruments DRA751ABC Datasheet HTML 137Page - Texas Instruments DRA751ABC Datasheet HTML 138Page - Texas Instruments DRA751ABC Datasheet HTML 139Page - Texas Instruments DRA751ABC Datasheet HTML 140Page - Texas Instruments DRA751ABC Datasheet HTML 141Page - Texas Instruments DRA751ABC Datasheet HTML 142Page - Texas Instruments DRA751ABC Datasheet HTML 143Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 139 / 443 page
background image
139
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
www.ti.com
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-34. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdds_ddr1
DDR1 power supply (1.8V for DDR2 mode / 1.5V for DDR3 mode /
1.35V DDR3L mode)
PWR
AH27/ AG20/ AG28/
AD26/ AC22/ AB21/
AB22/ AB24/ AB25/
AA21/ AA22/ W16/
W27
vddshv5
Dual Voltage (1.8V or 3.3V) power supply for the RTC Power Group
pins
PWR
V12
vddshv1
Dual Voltage (1.8V or 3.3V) power supply for the VIN2 Power Group
pins
PWR
H8/ H9/ G4/ G5/ E3/
E5
vddshv10
Dual Voltage (1.8V or 3.3V) power supply for the GPMC Power Group
pins
PWR
T4/ T5/ R7/ R10/ P10/
N4/ N5
vddshv11
Dual Voltage (1.8V or 3.3V) power supply for the MMC2 Power Group
pins
PWR
K8/ J8
vddshv2
Dual Voltage (1.8V or 3.3V) power supply for the VOUT Power Group
pins
PWR
H10/ H11/ E10/ D10/
B6
vddshv3
Dual Voltage (1.8V or 3.3V) power supply for the GENERAL Power
Group pins
PWR
H15/ H16/ H18/ H19/
G15/ E16/ E22/ D16/
D22/ B23
vddshv4
Dual Voltage (1.8V or 3.3V) power supply for the MMC4 Power Group
pins
PWR
C24
vddshv6
Dual Voltage (1.8V or 3.3V) power supply for the VIN1 Power Group
pins
PWR
AF5/ AE7/ AD5/ AD7
vddshv7
Dual Voltage (1.8V or 3.3V) power supply for the WIFI Power Group
pins
PWR
AB6 / AB7
vddshv8
Dual Voltage (1.8V or 3.3V) power supply for the MMC1 Power Group
pins
PWR
Y8 / W8
vddshv9
Dual Voltage (1.8V or 3.3V) power supply for the RGMII Power Group
pins
PWR
W4/ W5/ U10
cap_vddram_dspeve2(1)
External capacitor connection for the DSP-EVE SRAM array ldo2
output
CAP
J9
cap_vddram_dspeve1(1)
External capacitor connection for the DSP-EVE SRAM array ldo1
output
CAP
J10
cap_vbbldo_mpu(1)
External capacitor connection for the MPU vbb ldo output
CAP
J16
cap_vddram_core2(1)
External capacitor connection for the Core SRAM array ldo2 output
CAP
J19
cap_vbbldo_dspeve(1)
External capacitor connection for the DSP-EVE vbb ldo output
CAP
K9
cap_vddram_mpu1(1)
External capacitor connection for the MPU SRAM array ldo1 output
CAP
K16
cap_vddram_mpu2(1)
External capacitor connection for the MPU SRAM array ldo2 output
CAP
K19
cap_vddram_core1(1)
External capacitor connection for the Core SRAM array ldo1 output
CAP
L9
cap_vddram_core4(1)
External capacitor connection for the Core SRAM array ldo4 output
CAP
P19
cap_vbbldo_iva(1)
External capacitor connection for the IVA vbb ldo output
CAP
R20
cap_vddram_iva(1)
External capacitor connection for the IVA SRAM array ldo output
CAP
T20
cap_vddram_gpu(1)
External capacitor connection for the GPU SRAM array ldo output
CAP
Y13
cap_vbbldo_gpu(1)
External capacitor connection for the GPU vbb ldo output
CAP
Y14
cap_vddram_core3(1)
External capacitor connection for the Core SRAM array ldo3 output
CAP
Y15
cap_vddram_core5(1)
External capacitor connection for the Core SRAM array ldo5 output
CAP
Y16
(1) This pin must always be connected via a 1-uF capacitor to vss.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com