Electronic Components Datasheet Search
  English  ▼

X  

DRA751ABC Datasheet(PDF) 138 Page - Texas Instruments

Part # DRA751ABC
Description  DRA75x, DRA74x Infotainment Applications Processor Silicon Revision 2.0
PDF  443 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI2 [Texas Instruments]
Direct Link  https://www.ti.com
Logo TI2 - Texas Instruments

DRA751ABC Datasheet(HTML) 138 Page - Texas Instruments

Back Button DRA751ABC Datasheet HTML 134Page - Texas Instruments DRA751ABC Datasheet HTML 135Page - Texas Instruments DRA751ABC Datasheet HTML 136Page - Texas Instruments DRA751ABC Datasheet HTML 137Page - Texas Instruments DRA751ABC Datasheet HTML 138Page - Texas Instruments DRA751ABC Datasheet HTML 139Page - Texas Instruments DRA751ABC Datasheet HTML 140Page - Texas Instruments DRA751ABC Datasheet HTML 141Page - Texas Instruments DRA751ABC Datasheet HTML 142Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 138 / 443 page
background image
138
DRA756, DRA755, DRA754, DRA752
DRA751, DRA750, DRA746, DRA745, DRA744
SPRS950F – DECEMBER 2015 – REVISED MAY 2019
www.ti.com
Submit Documentation Feedback
Product Folder Links: DRA756 DRA755 DRA754 DRA752 DRA751 DRA750 DRA746 DRA745 DRA744
Terminal Configuration and Functions
Copyright © 2015–2019, Texas Instruments Incorporated
Table 4-34. Power Supply Signal Descriptions (continued)
SIGNAL NAME
DESCRIPTION
TYPE
BALL
vdd_mpu
MPU voltage domain supply
PWR
K17/ K18/ L15/ L16/
L17/ L18/ L19/ M15/
M16/ M17/ M18/ N17/
N18/ P17/ P18/ R18
vdd_rtc
RTC voltage domain supply
PWR
AB15
vdda_usb1
DPLL_USB and HS USB1 1.8V analog power supply
PWR
AA13
vssa_usb
HS USB1 and HS USB2 analog ground
GND
AB11/ AA11
vdda_usb2
HS USB2 1.8V analog power supply
PWR
AB12
vdda33v_usb1
HS USB1 3.3V analog power supply. If USB1 is not used, this pin can
alternatively be connected to VSS if the following requirements are met:
- The usb1_dm/usb1_dp pins are left unconnected
- The USB1 PHY is kept powered down
PWR
AA12
vdda33v_usb2
HS USB2 3.3V analog power supply. If USB2 is not used, this pin can
alternatively be connected to VSS if the following requirements are met:
- The usb2_dm/usb2_dp pins are left unconnected
- The USB2 PHY is kept powered down
PWR
Y12
vdda_abe_per
DPLL_ABE, DPLL_PER, and PER HSDIVIDER analog power supply
PWR
M14
vdda_ddr
DPLL_DDR and DDR HSDIVIDER analog power supply
PWR
P16
vdda_debug
DPLL_DEBUG analog power supply
PWR
N11
vdda_dsp_eve
DPLL_DSP and DPLL_EVE analog power supply
PWR
N12
vdda_gmac_core
DPLL_CORE and CORE HSDIVIDER analog power supply
PWR
P15
vdda_gpu
DPLL_GPU analog power supply
PWR
R14
vdda_hdmi
PLL_HDMI and HDMI analog power supply
PWR
Y17
vssa_hdmi
DPLL_HDMI and HDMI PHY analog ground
GND
AE19 / AD19
vdda_iva
DPLL_IVA analog power supply
PWR
R17
vdda_pcie
DPLL_PCIe_REF and PCIe analog power supply
PWR
W14
vssa_pcie
PCIe analog ground
GND
AE13 / AD13
vdda_pcie0
PCIe ch0 RX/TX analog power supply
PWR
AA17
vdda_pcie1
PCIe ch1 RX/TX analog power supply
PWR
AA16
vdda_sata
DPLL_SATA and SATA RX/TX analog power supply
PWR
V13
vssa_sata
SATA analog ground
GND
AE10
vdda_usb3
DPLL_USB_OTG_SS and USB3.0 RX/TX analog power supply
PWR
W12
vssa_usb3
DPLL_USB and USB3.0 RX/TX analog ground
GND
AD10
vdda_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog power supply
PWR
P14
vssa_video
DPLL_VIDEO1 and DPLL_VIDEO2 analog ground
GND
U14
vdds_mlbp
MLBP IO power supply
PWR
AA7 / Y7
vdda_mpu
DPLL_MPU analog power supply
PWR
N16
vdda_osc
HFOSC analog power supply
PWR
AE16 / AD16
vssa_osc0
OSC0 analog ground
GND
AF15
vssa_osc1
OSC1 analog ground
GND
AC14
vdda_rtc
RTC bias and RTC LFOSC analog power supply
PWR
AB13
vdds18v
1.8V power supply
PWR
W17/ W18/ V21/ V22/
T8/ R8/ P8/ N8/ M8/
M9/ H17/ G18
vdds18v_ddr1
DDR1 bias power supply
PWR
AA18/ AA19/ Y21/
W21
vdds18v_ddr2
DDR2 bias power supply
PWR
P20/ P21/ N21/ J21/
J22
vdds_ddr2
DDR2 power supply (1.8V for DDR2 mode / 1.5V for DDR3 mode /
1.35V DDR3L mode)
PWR
T24/ T25/ M20/ M21/
L20/ L21/ J27/ H20/
H21/ H22/ G22/ G23/
E24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com