Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 7 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 7 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 3Page - Texas Instruments TMP320C40 Datasheet HTML 4Page - Texas Instruments TMP320C40 Datasheet HTML 5Page - Texas Instruments TMP320C40 Datasheet HTML 6Page - Texas Instruments TMP320C40 Datasheet HTML 7Page - Texas Instruments TMP320C40 Datasheet HTML 8Page - Texas Instruments TMP320C40 Datasheet HTML 9Page - Texas Instruments TMP320C40 Datasheet HTML 10Page - Texas Instruments TMP320C40 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H − OCTOBER 1993 − REVISED OCTOBER 2001
7
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
block diagram
Cache
(512 Bytes)
32
32
PDATA Bus
DDATA Bus
DADDR 1 Bus
DADDR 2 Bus
DMADATA Bus
RAM Block 0
(4K Bytes)
32
32
RAM Block 1
(4K Bytes)
32
32
ROM Block
(Reserved)
32
32
PADDR Bus
DMAADDR Bus
M
U
X
D31−D0
A30−A0
DE
AE
STAT3−STAT0
LOCK
STRB0,STRB1
R/W0,RW1
PAGE0,PAGE1
RDY0,RDY1
CE0,CE1
IR
PC
X1
X2/CLKIN
ROMEN
RESET
RESETLOC0,
RESETLOC1
NMI
IIOF3 − IIOF0
IACK
H1
H3
CVSS
DVDD
DVSS
IVSS
LADVDD
LDDVDD
VDDL
VSSL
SUBS
32
C
o
n
t
r
o
l
l
e
r
32
32
32
40
40
40
40
32-Bit Barrel
Shifter
40
40
ALU
Extended
Precision
Registers
(R0 − R11)
40
40
32
40
40
DISP, IR0, IR1
ARAU0
ARAU1
BK
Auxiliary
Registers
(AR0−AR7)
Other
Registers
(14)
CPU1
CPU2
32
32
32
32
32
32
32
32
32
32
REG1
32
MUX
C
P
U
1
R
E
G
1
Multiplier
REG2
R
E
G
2
REG 1
R
E
G
1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com