Electronic Components Datasheet Search
  English  ▼

X  

TMP320C40 Datasheet(PDF) 22 Page - Texas Instruments

Part # TMP320C40
Description  DIGITAL SIGNAL PROCESSORS
PDF  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

TMP320C40 Datasheet(HTML) 22 Page - Texas Instruments

Back Button TMP320C40 Datasheet HTML 18Page - Texas Instruments TMP320C40 Datasheet HTML 19Page - Texas Instruments TMP320C40 Datasheet HTML 20Page - Texas Instruments TMP320C40 Datasheet HTML 21Page - Texas Instruments TMP320C40 Datasheet HTML 22Page - Texas Instruments TMP320C40 Datasheet HTML 23Page - Texas Instruments TMP320C40 Datasheet HTML 24Page - Texas Instruments TMP320C40 Datasheet HTML 25Page - Texas Instruments TMP320C40 Datasheet HTML 26Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 64 page
background image
SMJ320C40, TMP320C40
DIGITAL SIGNAL PROCESSORS
SGUS017H − OCTOBER 1993 − REVISED OCTOBER 2001
22
POST OFFICE BOX 1443
• HOUSTON, TEXAS 77251−1443
325
244
Die Side Number 4
Pad Number One
1
Die Side Number 1
81
Zero-Zero
(Origin)
82
162
Die Side Number 2
243
Die Side Number 3
163
Die Designator
SMJ320C40 (Rev. 5) Inner Lead Bond (ILB) Information for TAB
XXXXX
Figure 4. SMJ320C40 Die Numbering Format
(See Table 2)
The inner lead bond (ILB) pitch for the tape automated bonding (TAB) leadframe is the same as the die bond
pad pitch. Table 2 provides a reference for the following:
A.
The TAB lead numbers. The TAB lead numbers are the same as the die bond pad numbers.
B.
The C40 signal identities in relation to the pad numbers
C.
There are 325 bond pad locations, 325 TAB leads, and 324 test pad locations.
D.
The C40 X-,Y-coordinates, where bond pad 82 serves as the origin, (0,0)
E.
The inner lead bond pitch (ILB) is the same as the die bond pitch.
F.
The outer lead pitch is 0.25
± 0.01 mm.
G.
The test pad pitch is 0.40
± 0.01 mm.
H.
The tape width is 48 mm.
I.
Outer lead bond (OLB) 18, 19 connect to test pad 18.
In addition, the following notes are significant:
J.
X,Y coordinate data is in microns.
K.
Average pitch is 126
µm (4.96 mils).
L.
Smallest pitch value is 126
µm (4.96 mils).
M.
The active silicon dimensions are 12 424.86
µm × 12035.52 µm (489.16 mils × 473.83 mils).
N.
The die size is approximately 12 598.40
µm × 12192.00 µm (496.00 mils × 480.00 mils).
O.
Distance from diced silicon to polyimide support ring is 889
µm (35.0 mils).
P.
Bond pad dimensions are 108.00
µm × 108.00 µm (4.25 mils × 4.25 mils).
Q.
Center of bond pad to edge of die minimum (without scribe) = 107.80
µm (4.24 mils).
R.
The nominal die thickness is 381
± 50.8 µm (15 ± 2 mils).
S.
The polyimide encapsulant thickness is approximately 304.8
µm (12 mils).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com