Electronic Components Datasheet Search
  English  ▼

X  

SPC22131 Datasheet(PDF) 1 Page - Premier Farnell Limited.

Part # SPC22131
Description  Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

SPC22131 Datasheet(HTML) 1 Page - Premier Farnell Limited.

  SPC22131 Datasheet HTML 1Page - Premier Farnell Limited. SPC22131 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Page <1>
V1.2
06/11/23
Solder Wire
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Specifications
Rosin Activated (RA) Flux:
It is a high activity core flux designed for excellent instant wetting action, even on Nickel surfaces.
Although it is a RA-based material, the residues are non-corrosive if not cleaned. Classified as ROM1
flux. The products standard meets, IPC J-STD-006 and IPC J-STD-004.
Water Soluble Flux:
It is a high-activity water-soluble core flux for soldering difficult metals. It is designed for optimal cleanability, along with minimal
smoke and odor. Its residues must be removed.
It is classified as ORH1 per J-STD-004.
Rosin Mildly Activated (RMA) Flux:
It is an RMA based core flux that provides wetting action comparable to typical RA flux. Although it is an RMA-based material,
the residues are non-corrosive if not cleaned.
It is categorized as ROL1 per J-STD-004.
No-Clean Flux:
It is a halide-free, rosin based no-clean core flux that provides excellent wetting combined with optimal reliability and cosmetics.
It is compliant to Bellcore GR-78 and is classified as ROL0 per J-STD-004.
Shelf Life:
Indefinite
Part Number
Stand-
ard Wire
Gauge
(AWG)
Diameter
Alloy
Content
Tin/
Lead
Weight
Ibs.
Flux
%
Flux
Type
Softening
Point Celsius
(Flux
Extract)
Acid
Number
(mg-
KOH/ G
Sample)
SIR
(Surface
Insulation
Resist-
ance)
Inches mm
SPC22126
20
0.032
0.81
60/40
1
3.3
Rosin
(RA)
80°C
150-160
>1×109
SPC22127
18
0.04
1.02
60/40
SPC22128
16
0.05
1.27
60/40
SPC22129
14
0.062
1.57
60/40
SPC22130
24
0.02
0.51
63/37
SPC22131
22
0.025
0.64
63/37
SPC22132
20
0.032
0.81
63/37
SPC22133
18
0.04
1.02
63/37
SPC22134
16
0.05
1.27
63/37
SPC22135
14
0.062
1.57
63/37
SPC22123
22
0.025
0.64
60/40
0.5
SPC22124
20
0.032
0.81
60/40
SPC22125
21
0.025
0.64
63/37
Specification Table


Similar Part No. - SPC22131

ManufacturerPart #DatasheetDescription
logo
Premier Farnell Limited...
SPC22131 DURATOOL-SPC22131 Datasheet
290Kb / 2P
Solder Wire
13/01/23 V1.1
More results

Similar Description - SPC22131

ManufacturerPart #DatasheetDescription
logo
Precid-Dip Durtal SA
153-90-210-00-001 PREDIP-153-90-210-00-001 Datasheet
42Kb / 1P
Dual-in-line pin / slotted / turret / solder cup headers / open frame / solder tail / wire-wrap posts
logo
3M Electronics
78-5100-2557-6 3M-78-5100-2557-6 Datasheet
241Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR D-CODE, MALE, SOLDER TYPE
78-5100-2558-4 3M-78-5100-2558-4 Datasheet
231Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR D-CODE, FEMALE, SOLDER TYPE
Sep-2006
78-5100-2559-2 3M-78-5100-2559-2 Datasheet
269Kb / 1P
INDUSTRIAL M12 WIRE MOUNT, FOR A-CODE, MALE, SOLDER TYPE
Sep-2006
logo
Aries Electronics, Inc.
0503 ARIES-0503 Datasheet
554Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
503 ARIES-503 Datasheet
658Kb / 1P
Available with Solder Tail or Wire Wrap Pins
511 ARIES-511 Datasheet
526Kb / 1P
Bifurcated Contacts with Solder Tail or Wire Wrap Pins
0513 ARIES-0513 Datasheet
543Kb / 1P
Available with Solder Pin Tails or Wire Wrap Pins
logo
Soberton Inc.
SP-4005-1 SOBERTON-SP-4005-1 Datasheet
238Kb / 1P
Solder Eyelet Wire
logo
TE Connectivity Ltd
CWT-150X TEC-CWT-150X Datasheet
98Kb / 1P
Solder Sleeve One Step Wire Terminator Low Temperature
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com