Electronic Components Datasheet Search
  English  ▼

X  

SPC22131 Datasheet(PDF) 2 Page - Premier Farnell Limited.

Part # SPC22131
Description  Solder Wire
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DURATOOL [Premier Farnell Limited.]
Direct Link  https://cpc.farnell.com/
Logo DURATOOL - Premier Farnell Limited.

SPC22131 Datasheet(HTML) 2 Page - Premier Farnell Limited.

  SPC22131 Datasheet HTML 1Page - Premier Farnell Limited. SPC22131 Datasheet HTML 2Page - Premier Farnell Limited.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Page <2>
V1.2
06/11/23
Solder Wire
Newark.com/exclusive-brands
Farnell.com/exclusive-brands
Element14.com/exclusive-brands
Important Notice : This data sheet and its contents (the “Information”) belong to the members of the AVNET group of companies (the “Group”) or are licensed to it. No licence is granted for
the use of it other than for information purposes in connection with the products to which it relates. No licence of any intellectual property rights is granted. The Information is subject to change
without notice and replaces all data sheets previously supplied. The Information supplied is believed to be accurate but the Group assumes no responsibility for its accuracy or completeness,
any error in or omission from it or for any use made of it. Users of this data sheet should check for themselves the Information and the suitability of the products for their purpose and not make
any assumptions based on information included or omitted. Liability for loss or damage resulting from any reliance on the Information or use of it (including liability resulting from negligence or
where the Group was aware of the possibility of such loss or damage arising) is excluded. This will not operate to limit or restrict the Group’s liability for death or personal injury resulting from its
negligence. DURATOOL is the registered trademark of Premier Farnell Limited 2019.
Part Number
Stand-
ard Wire
Gauge
(AWG)
Diameter
Alloy
Content
Tin/
Lead
Weight
Ibs.
Flux
%
Flux
Type
Softening
Point Celsius
(Flux
Extract)
Acid
Number
(mg-
KOH/ G
Sample)
SIR
(Surface
Insulation
Resist-
ance)
Inches mm
SPC22136
20
0.032
0.81
60/40
1
3.3
Water
Soluble
60°C
120-130
>1×109
SPC22137
20
0.032
0.81
63/37
SPC22138
20
0.032
0.81
63/37
Rosin
(RMA)
92°C
150-160
SPC22139
20
0.032
0.81
63/37
1.1
No Clean
NC600)
75°C
190-210
SPC22140
24
0.02
0.51
63/37
Note
The Water Soluble Solder has a flux within that must be cleaned; therefore, the Flux Extract Softening Point Test does not apply.
Acid Number test is based upon the IPC-TM-650 test method. Flux Appearance : Amber Solid



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com