Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 1 Page - DAESAN ELECTRONIC CORP.

Part # ES1C
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES1C Datasheet(HTML) 1 Page - DAESAN ELECTRONIC CORP.

  ES1C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES1C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
ES1A THRU ES1J
· Glass Passivated Die Construction
· Ideally Suited for Automatic Assembly
· Low Forward Voltage Drop, High Efficiency
· Surge Overload Rating to 30A Peak
· Low Power Loss
· Super Fast Recovery Time
· Ideally Suited for Use in High Frequency
SMPS, Inverters and As Free Wheeling Diodes
CURRENT 1.0 A
VOLTAGE 50 to 600 V
Mechanical Data
Features
· Case : SMA(DO-214AC), Molded Plastic
· Terminals : Solder plated, solderable per
MIL-STD-750, Method 2026
· Polarity : Cathode Band or Cathode Notch
· Marking : Type Number
· Weight : 0.064 grams (approx.)
· Lead Free : For RoHS / Lead Free Version
Dimensions in inches and (millimeters)
SUPERFAST RECOVERY RECTIFIER
https://dec.co.kr
DAESAN ELECTRONIC CORP.
Maximum Ratings and Electrical Characteristics
(TA=25°C unless otherwise specified Single Phase, half wave, 60Hz, resistive or inductive load. For capacitive load, derate current by 20%.)
Thermal Resistance Junction to Ambient (3)
Average Rectified Output Current at TL
Symbols
IO
Items
ES1A
ES1B
ES1C ES1D
ES1E
ES1G
ES1J
Operating and Storage Temperature Range
240919-01K
TJ, TSTG
R
Thermal Resistance Junction to Lead (3)
R
Typical Junction Capacitance (2)
CJ
VF
1.25
0.95
1.7
TRR
Units
A
Non-Repetitive Peak Forward Surge Current
8.3ms Single Half Sine-Wave Superimposed on
Rated Load (JEDEC Method)
IFSM
85
1.0
-55 to +150
35
10
5.0
50
35
30
A
Peak Repetitive Reverse Voltage
Working Peak Reverse Voltage
DC Blocking Voltage
VRRM
VRWM
VR
50
200
300
600
400
100
150
V
VR(RMS)
RMS Reverse Voltage
35
140
210
420
280
70
105
V
pF
ns
V
Forward Voltage at
IF=1.0A
IR
µA
Peak Reverse Current
at Rated DC Blocking Voltage
Reverse Recovery Time (1)
TA=25
TA=100
Notes:
(1) Measured with IF=0.5A, IR=1.0A, IRR=0.25A
(2) Measured at 1.0MHz and applied reverse voltage of 4.0V DC
(3) Mounted on PCB with 5.0mm x 5.0mm x 0.013mm thick copper pads.
DO-214AC (SMA)
0.006(0.152)
0.012(0.305)
0.185(4.70)
0.208(5.29)
0.075(1.90)
0.096(2.42)
0.157(3.99)
0.185(4.71)
0.094(2.40)
0.113(2.86)
0.008(0.203)
MAX.
0.049(1.25)
0.065(1.65)
0.030(0.76)
0.060(1.52)


Similar Part No. - ES1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ES1C PANJIT-ES1C Datasheet
63Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
logo
NXP Semiconductors
ES1C PHILIPS-ES1C Datasheet
59Kb / 12P
SMA ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
ES1C PHILIPS-ES1C Datasheet
52Kb / 8P
Ultra fast low-loss controlled avalanche rectifiers
2000 Feb 14
logo
Surge Components
ES1C SURGE-ES1C Datasheet
83Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER VOLTAGE - 50 - 600 Volts CURRENT - 1.0 Amperes?
logo
Transys Electronics
ES1C TRSYS-ES1C Datasheet
184Kb / 2P
SURFACE MOUNT SUPERFAST RECTIFIER
More results

Similar Description - ES1C

ManufacturerPart #DatasheetDescription
logo
Pan Jit International I...
ER1600CT PANJIT-ER1600CT Datasheet
41Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF801F PACELEADER-SF801F Datasheet
585Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001CT PACELEADER-SF1001CT Datasheet
583Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1001FCT PACELEADER-SF1001FCT Datasheet
581Kb / 2P
SUPERFAST RECOVERY RECTIFIER
SF1601CT PACELEADER-SF1601CT Datasheet
730Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Continental Device Indi...
MUR420 CDIL-MUR420 Datasheet
193Kb / 5P
SUPERFAST RECOVERY RECTIFIER
logo
PACELEADER INDUSTRIAL
SF2001CT PACELEADER-SF2001CT Datasheet
208Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
SHENZHEN KOO CHIN ELECT...
SF51 KOOCHIN-SF51 Datasheet
306Kb / 2P
SUPERFAST RECOVERY RECTIFIER
logo
Nantong Hornby Electron...
SF3X HORNBY-SF3X Datasheet
255Kb / 3P
SUPERFAST RECOVERY RECTIFIER
logo
DAESAN ELECTRONIC CORP.
ES3A DAESAN-ES3A_V01 Datasheet
576Kb / 2P
SUPERFAST RECOVERY RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com