Electronic Components Datasheet Search
  English  ▼

X  

ES1C Datasheet(PDF) 2 Page - DAESAN ELECTRONIC CORP.

Part # ES1C
Description  SUPERFAST RECOVERY RECTIFIER
PDF  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DAESAN [DAESAN ELECTRONIC CORP.]
Direct Link  https://dec.co.kr/
Logo DAESAN - DAESAN ELECTRONIC CORP.

ES1C Datasheet(HTML) 2 Page - DAESAN ELECTRONIC CORP.

  ES1C Datasheet HTML 1Page - DAESAN ELECTRONIC CORP. ES1C Datasheet HTML 2Page - DAESAN ELECTRONIC CORP.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FIG.1-FORWARD CURRENT DERATING CURVE
LEAD TEMPERATURE ( )
FIG.3-TYPICAL FORWARD CHARACTERISTICS
FIG.2-FORWARD SURGE CURRENT
DERATING CURVE
FIG.4-TYPICAL REVERSE CHARACTERISTICS
PERCENT OF PEAK REVERSE VOLTAGE (%)
RATINGS AND CHARACTERISTIC CURVES ES1A THRU ES1J
1.2
1.0
0.8
0.6
0.4
0.2
0
100
1000
1
10
0.01
0.1
0
20
40
60
80
140
100
120
90
0
30
60
120
150
INSTANTANEOUS FORWARD VOLTAGE (V)
10
1
0.1
0.01
0
0.4
0.8
1.2
2.0
1.6
NUMBER OF CYCLES AT 60Hz
30
24
18
6
1
10
100
12
0
https://dec.co.kr
DAESAN ELECTRONIC CORP.
Resistive or Inductive Load
Mounted on PCB with
5.0 x 5.0 x 0.013mm
Copper Pads
Single Half-Sine-Wave
JEDEC Method
ES1J
ES1E~ES1G
ES1A~ES1D
FIG.5-TYPICAL JUNCTION CAPACITANCE
DC REVERSE VOLTAGE (V)
20
16
12
8
4
0
0.1
1
100
10
TA=25
TA=125
TA=100
f=1MHz



Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com