Electronic Components Datasheet Search
  English  ▼

X  

HAL400S Datasheet(PDF) 8 Page - ITT Industries

Part # HAL400S
Description  Linear Hall Effect Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HAL400S Datasheet(HTML) 8 Page - ITT Industries

Back Button HAL400S Datasheet HTML 4Page - ITT Industries HAL400S Datasheet HTML 5Page - ITT Industries HAL400S Datasheet HTML 6Page - ITT Industries HAL400S Datasheet HTML 7Page - ITT Industries HAL400S Datasheet HTML 8Page - ITT Industries HAL400S Datasheet HTML 9Page - ITT Industries HAL400S Datasheet HTML 10Page - ITT Industries HAL400S Datasheet HTML 11Page - ITT Industries HAL400S Datasheet HTML 12Page - ITT Industries Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
HAL400
PRELIMINARY DATA SHEET
8
ITT Semiconductors
0
10
20
30
40
50
357
9
11
13 V
mV/mT
VDD
Typical differential sensitivity
versus supply voltage
Parameter = TA
SBDiff
HAL400
TA = –40 °C
TA = 25 °C
TA = 150 °C
TA = 125 °C
B =
±50 mT
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
–80 –60 –40 –20
0
20
40
60
80 mT
%
B
Typical nonlinearity of
differential output versus
magnetic flux density
Parameter = VDD
NLdif
HAL400
TA = 25 °C
VDD = 6.0 V
VDD = 12 V
VDD = 4.8 V
0
5
10
15
20
25
30
35
40
45
50
–50 –25
0
25
50
75 100 125 150
°C
mV/mT
TA
Typical differential sensitivity
versus ambient temperature
Parameter = VDD
SBDiff
VDD = 6.0 V
VDD = 12 V
HAL400
B =
±50 mT
VDD = 4.8 V
–1.5
–1.0
–0.5
0.0
0.5
1.0
1.5
–80 –60 –40 –20
0
20
40
60
80 mT
%
B
Typical nonlinearity of
differential output versus
magnetic flux density
Parameter = TA
NLdif
HAL400
VDD = 6.8 V
TA = –40 °C
TA = 25 °C
TA = 150 °C
TA= 125 °C



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com