Electronic Components Datasheet Search
  English  ▼

X  

HAL400S Datasheet(PDF) 13 Page - ITT Industries

Part # HAL400S
Description  Linear Hall Effect Sensor IC
PDF  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ITT [ITT Industries]
Direct Link  http://www.ittcannon.com
Logo ITT - ITT Industries

HAL400S Datasheet(HTML) 13 Page - ITT Industries

Back Button HAL400S Datasheet HTML 8Page - ITT Industries HAL400S Datasheet HTML 9Page - ITT Industries HAL400S Datasheet HTML 10Page - ITT Industries HAL400S Datasheet HTML 11Page - ITT Industries HAL400S Datasheet HTML 12Page - ITT Industries HAL400S Datasheet HTML 13Page - ITT Industries HAL400S Datasheet HTML 14Page - ITT Industries HAL400S Datasheet HTML 15Page - ITT Industries HAL400S Datasheet HTML 16Page - ITT Industries  
Zoom Inzoom in Zoom Outzoom out
 13 / 16 page
background image
HAL400
PRELIMINARY DATA SHEET
13
ITT Semiconductors
Application Circuits
The normal integrating characteristics of a voltmeter is
sufficient for signal filtering.
Do not connect OUT1 or OUT2 to Ground.
VSUP
OUT1
OUT2
GND
HAL 400
High
Low
Fig. 7: Flux density measurement with voltmeter
VCC
1
2
3
4
Voltage
Meter
Display the difference between channel 1 and channel
2 to show the Hall voltage. Capacitors 4.7 nF and 330 pF
for electromagnetic immunity are recommended.
Do not connect OUT1 or OUT2 to Ground.
VDD
OUT1
OUT2
GND
HAL 400
Oscillo-
scope
Ch1
Ch2
Fig. 8: Filtering of output signals
VSUP
1
2
3
4
330 p
330 p
4.7n
47 n
47 n
1 k
1 k
3.3 k
3.3 k
6.8 n
Do not connect OUT1 or OUT2 to Ground.
VDD
OUT1
OUT2
GND
HAL 400
Fig. 9: Differential HAL400 output to single-ended output
R = 10 k
Ω, C = 7.5 nF, ∆R for offset adjustment, BW–3dB = 1.3 kHz
VSUP
1
2
3
4
330 p
330 p
4.7n
ADC
VCC
R
1.5 R
R–
∆R
R+
∆R
1.33 C
0.75 R
CMOS
OPV
0.22 R
4.4 C
3 C
+
–



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com