Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 23 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 19Page - STMicroelectronics L6711_06 Datasheet HTML 20Page - STMicroelectronics L6711_06 Datasheet HTML 21Page - STMicroelectronics L6711_06 Datasheet HTML 22Page - STMicroelectronics L6711_06 Datasheet HTML 23Page - STMicroelectronics L6711_06 Datasheet HTML 24Page - STMicroelectronics L6711_06 Datasheet HTML 25Page - STMicroelectronics L6711_06 Datasheet HTML 26Page - STMicroelectronics L6711_06 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
L6711
Remote voltage sense
23/50
9
Remote voltage sense
The device embeds a Remote Sense Buffer to sense remotely the regulated voltage without
any additional external components. In this way, the output voltage programmed is
regulated between the remote buffer inputs compensating motherboard or connector
losses. The very low-offset amplifier senses the output voltage remotely through the pins
FBR and FBG (FBR is for the regulated voltage sense while FBG is for the ground sense)
and reports this voltage internally at VSEN pin with unity gain eliminating the errors.
Keeping the FBR and FBG traces parallel and guarded by a power plane results in common
mode coupling for any picked-up noise.
If remote sense is not required, it is enough connecting the resistor RFB directly to the
regulated voltage: VSEN becomes not connected and still senses the output voltage
through the remote buffer. In this case the FBG and FBR pins must be connected anyway to
the regulated voltage (See Figure 8).
Warning:
The remote buffer is included in the trimming chain in order
to achieve ±0.5% accuracy (0.6% for the Hammer DAC) on the
output voltage when the RB is used: eliminating it from the
control loop causes the regulation error to be increased by
the RB offset worsening the device performances!
Figure 8.
Remote buffer connections
RB used (up to ±0.5% Accuracy)
RB Not Used (Precision worsened)
VID
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore
(Remote Sense)
VID
FB
COMP
VSEN
64k
FBR
FBG
64k
RF
CF
RFB
To Vcore



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com