Electronic Components Datasheet Search
  English  ▼

X  

L6711 Datasheet(PDF) 27 Page - STMicroelectronics

Part # L6711
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711 Datasheet(HTML) 27 Page - STMicroelectronics

Back Button L6711_06 Datasheet HTML 23Page - STMicroelectronics L6711_06 Datasheet HTML 24Page - STMicroelectronics L6711_06 Datasheet HTML 25Page - STMicroelectronics L6711_06 Datasheet HTML 26Page - STMicroelectronics L6711_06 Datasheet HTML 27Page - STMicroelectronics L6711_06 Datasheet HTML 28Page - STMicroelectronics L6711_06 Datasheet HTML 29Page - STMicroelectronics L6711_06 Datasheet HTML 30Page - STMicroelectronics L6711_06 Datasheet HTML 31Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 50 page
background image
L6711
Voltage positioning
27/50
The ITS circuit subtracts from the IFB current a current proportional to the sensed
temperature as follow (see Figure 11, Only the IDROOP and ITC contributes to IFB have been
considered):
where
where A and B are positive constants depending on the value of the external resistor RTC
(see Figure 12), TJ is the device junction temperature and TMOS is the mosfet (or the used
sensing element) temperature.
The resistor RTC can be designed in order to zero the temperature influence on the output
voltage at a fixed current as follow:
obtaining the following relationship:
where RSENSE is the sensing element resistance value (at TMOS = 25ºC), B is the constant
obtainable from
Figure 12, kT is the Temperature Coupling Coefficient between the sensing element and the
Controller (it results KT = (TJ-25)/(TMOS-25)) and α is the Temperature Coefficient of the
sensing element. Since RTC depends from the constant B depending in turn from RTC, an
iterative process is required to properly design the RTC value. As a consequence of the
nature of the thermal sensor, a negative offset is needed to compensate the native offset
introduced by the ITS at a referenced temperature Tref and it is obtainable by connecting a
ROFFSET resistor between the OFFSET pin and SGND as follow:
To disable this function, short the pin to SGND.
Figure 12.
Integrated thermal sensor constant vs. external resistor RTC
V
OUT T,IOUT
()
VID
R
FB
R
SEN SE TMOS
()
Rg
------------------------------------------ IOUT ITC TJ
()
–
⋅
⋅
–
=
I
TC TJ
()
1
R
TC
-----------
AB
T
J
25
–
()
⋅
+
[]
⋅
=
R
FB
R
SENSE α
T
MOS
25
–
()
⋅⋅
Rg
------------------------------------------------------------------- IOUT
R
FB
R
TC
----------- BTJ 25
–
()
⋅⋅
+
⋅⋅
–
0
=
R
TC
Rg
R
SENSE
---------------------
Bk
T
⋅
α I
OUT
⋅
--------------------
⋅
=
I
OFFSET
I
TC Tref
()
–
AB
T
re f
25
–
()
⋅
+
R
TC
----------------------------------------------
==
450
475
500
525
550
575
600
625
650
0
1020 30
405060 7080 90 100
1.50
1.60
1.70
1.80
1.90
2.00
0
1020 3040 50 60 7080 90 100
A [mV] vs. RTC [KΩ]
B [mV/°C] vs. RTC [KΩ]



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com