Electronic Components Datasheet Search
  English  ▼

X  

L6711TR Datasheet(PDF) 19 Page - STMicroelectronics

Part # L6711TR
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 19 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 15Page - STMicroelectronics L6711TR Datasheet HTML 16Page - STMicroelectronics L6711TR Datasheet HTML 17Page - STMicroelectronics L6711TR Datasheet HTML 18Page - STMicroelectronics L6711TR Datasheet HTML 19Page - STMicroelectronics L6711TR Datasheet HTML 20Page - STMicroelectronics L6711TR Datasheet HTML 21Page - STMicroelectronics L6711TR Datasheet HTML 22Page - STMicroelectronics L6711TR Datasheet HTML 23Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 19 / 50 page
background image
L6711
Current reading and current sharing control loop
19/50
7
Current reading and current sharing control loop
The device embeds a flexible, fully-differential current sense circuitry that is able to read
across both low side or inductor parasitic resistance or across a sense resistor placed in
series to that element. The fully-differential current reading rejects noise and allows placing
sensing element in different locations without affecting the measurement's accuracy. The
kind of sense element can be simply chosen through the CS_SEL pin: setting this pin free,
the LS mosfet is used while shorting it to SGND, the inductor will be used instead. Details
about connections are shown in Figure 5.
The high bandwidth current sharing control loop allows current balance even during load
transients: a current reference equal to the average of the read current (IAVG) is internally
built and the error between the read current and this reference is converted to a voltage that
with a proper gain is used to adjust the duty cycle whose dominant value is set by the
voltage error amplifier.
Figure 5.
Current reading connections selectable through CS_SEL pin.
7.1
Low-side current reading
Leaving CS_SEL pin OPEN, the current flowing trough each phase is read using the voltage
drop across the low side mosfets RdsON or across a sense resistor in its series and it is
internally converted into a current. The transconductance ratio is issued by the external
resistor Rg placed outside the chip between CSx- and CSx+ pins toward the reading points
(see Figure 6 right). The proprietary current sense circuit tracks the current information for a
time TTRACK = TSW/3 (TSW = 1/FSW) centered in the middle of the low-side mosfet
conduction time (OFF Time, see Figure 6 left) and holds the tracked information during the
rest of the period.
This device sources a constant 50
µA current from the CSx+ pin: the current reading circuitry
uses this pin as a reference and the reaction keeps the CSx- pin to this voltage during the
reading time (an internal clamp keeps CSx+ and CSx- at the same voltage sinking from the
CSx- pin the necessary current during the hold time; this is needed when LS mosfet RdsON
sense is implemented to avoid absolute maximum rating overcome on CSx- pin). The
current that flows from the CSx- pin is then given by the following equation (See Figure 6 -
right):
where:
RdsON is the on resistance of the low side mosfet and Rg is the transconductance resistor
used between CSx- and CSx+ pins toward the reading points; IPHASEx is the current carried
by the relative phase and IINFOx is the current information signal reproduced internally.
L
RL
Rg(RC)
Cg
Rg
CSx+
CSx-
PHASEx
OUT
IPHASE
CS_SEL
Rg(a)
LS MOSFET Current Sense
Inductor Current Sense
CSx-
CSx+
LGATEx
Rg
Rg
IPHASE
CS_SEL
I
CSx-
50
µA
R
dsON
R
g
----------------- IPHASEx
⋅
+
50
µAI
INFOx
+
==
I
INFOx
R
dsON
R
g
----------------- IPHASEx
⋅
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com