Electronic Components Datasheet Search
  English  ▼

X  

L6711TR Datasheet(PDF) 37 Page - STMicroelectronics

Part # L6711TR
Description  3 Phase controller with dynamic VID and selectable DACs
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

L6711TR Datasheet(HTML) 37 Page - STMicroelectronics

Back Button L6711TR Datasheet HTML 33Page - STMicroelectronics L6711TR Datasheet HTML 34Page - STMicroelectronics L6711TR Datasheet HTML 35Page - STMicroelectronics L6711TR Datasheet HTML 36Page - STMicroelectronics L6711TR Datasheet HTML 37Page - STMicroelectronics L6711TR Datasheet HTML 38Page - STMicroelectronics L6711TR Datasheet HTML 39Page - STMicroelectronics L6711TR Datasheet HTML 40Page - STMicroelectronics L6711TR Datasheet HTML 41Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 50 page
background image
L6711
Output voltage monitor and protections
37/50
Figure 18.
Constant current operation
14.6
Inductor sense over current (CS_SEL = SGND)
The device detects an over current when the IINFOx overcome the fixed threshold IOCTH.
Since the device always senses the current across the inductor, the IOCTH crossing will
happen during the HS conduction time: as a consequence of OCP detection, the device will
turn OFF the HS mosfet and turns ON the LS mosfet of that phase until IINFOx re-cross the
threshold or until the next clock cycle. This implies that the device limits the peak of the
inductor current.
In any case, the inductor current won't overcome the IOCPx value and this will represent the
maximum peak value to consider in the OC design.
The device works in Constant-Current, and the output voltage decreases as the load
increase, until the output voltage reaches the UVP threshold. When this threshold is
crossed, all mosfets are turned off, the FAULT pin is driven high and the device stops
working. Cycle the power supply or the OUTEN pin to restart operation.
The transconductance resistor Rg can be designed considering that the device limits the
inductor current ripple peak. Moreover, when designing D-VID systems, the additional
current due to the output filter charge during dynamic VID transitions must be considered.
where
T
o
n
M
A
X
T
o
n
M
A
X
IO
C
P
x
Ip
e
a
k
IM
A
X
V
o
u
t
Io
u
t
3
·IO
C
P
x(I
D
R
O
O
P
=
1
0
5
µ
A
)
IM
A
X
,T
O
T
U
V
P
D
ro
o
pe
ffe
c
t
a) Maximum current for each phase
b) Output Characteristic
Rg
I
OCPx max
() RSENSE max
()
⋅
I
OC TH min
()
---------------------------------------------------------------------
=
I
OCPx
I
OUT OCP
()
3
---------------------------
I
PP
∆
2
------------
I
D-VID
3
--------------
++
=



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com