Electronic Components Datasheet Search
  English  ▼

X  

MOR01S Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # MOR01S
Description  Metal Oxide Film Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR01S Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

  MOR01S Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 6 / 9 page
background image
Metal Oxide Film Resistors
Page 6
30/08/07 V1.1
Part Number Table
Resistance Value
Part Number
4K7
MOR03SJ0472A10
6K8
MOR03SJ0682A10
10K
MOR03SJ0103A10
15K
MOR03SJ0153A10
22K
MOR03SJ0223A10
33K
MOR03SJ0333A10
47K
MOR03SJ0473A10
22R
MOR07WJ0220B09
33R
MOR07WJ0330B09
47R
MOR07WJ0470B09
68R
MOR07WJ0680B09
100R
MOR07WJ0101B09
150R
MOR07WJ0151B09
220R
MOR07WJ0221B09
330R
MOR07WJ0331B09
470R
MOR07WJ0471B09
680R
MOR07WJ0681B09
1K
MOR07WJ0102B09
1K5
MOR07WJ0152B09
2K2
MOR07WJ0222B09
3K3
MOR07WJ0332B09
4K7
MOR07WJ0472B09
6K8
MOR07WJ0682B09
10K
MOR07WJ0103B09
15K
MOR07WJ0153B09
22K
MOR07WJ0223B09
33K
MOR07WJ0333B09
47K
MOR07WJ0473B09
68K
MOR07WJ0683B09
100K
MOR07WJ0104B09
3K3
MOR03SJ0332A10



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com