Electronic Components Datasheet Search
  English  ▼

X  

MOR01S Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # MOR01S
Description  Metal Oxide Film Resistors
PDF  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

MOR01S Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  MOR01S Datasheet HTML 1Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 2Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 3Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 4Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 5Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 6Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 7Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 8Page - List of Unclassifed Manufacturers MOR01S Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
Metal Oxide Film Resistors
Page 8
30/08/07 V1.1
Part Number Explanation
Resistor Type
: MOR = Metal oxide film fixed resistors.
Special Feature
: 0 = Standard product.
Wattage
: Normal size : 7W = 7W
Small size : 1S = 1W-S and 3S = 3W-S.
Tolerance
: J = ±5%.
Resistance Value
: E-24 series: the 1st digit is “0”, the 2nd and 3rd digits are for the significant figures of the resistance and
the 4th indicate the number of zeros. “J” ~ 0.1, “K” ~ 0.01. Ex. 4.7 ~ 47J, 4.7K
Ω ~ 472.
E-96 series: The 1st to 3rd digits are significant figures of resistance and the 4th one denotes number
of zeros. Ex. 1.33 K
Ω = 1331.
Packing Type
: A = Tape/Box, B = Bulk/Box.
Packing Quantity
: 1 = 1000 pieces, 0 = for Bulk/Box packing.
Additional Information
: 0 = PT-52mm, NIL for PT-26 and 9 = PT-64mm.
Packing
Quantity
1
Resistance
Value
0473
Packing
Type
A
Wattage
1S
Tolerance
J
Special Feature
0
Resistor Type
MOR
Additional
Information
0



Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com