Electronic Components Datasheet Search
  English  ▼

X  

K50-HC Datasheet(PDF) 4 Page - Kyocera Kinseki Corpotation

Part # K50-HC
Description  Clock Crystal Oscillators Surface Mount Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

K50-HC Datasheet(HTML) 4 Page - Kyocera Kinseki Corpotation

  K50-HC Datasheet HTML 1Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 2Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 3Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 4Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 5Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 6Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 7Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
Handling Notes for Crystal Oscillators
1. Shock & Drop • Vibration
Do not inflict excessive shock and mechanical vibration that
exceeds the norm, such as hitting or mistakenly dropping, when
transporting and mounting on a board. There are cases when
pieces of crystal break, and pieces that are used become
damaged, and become inoperable. When a shock or vibration that
exceeds the norm has been inflicted, make sure to check the
characteristics.
4. Mounting Precautions
Leaded Devices
The special glass, located where the lead of the retainer base comes out, is aligned with the coefficient of thermal expansion of the lead, If the
glass is damaged and cracks appear, there may be cases in which performance deteriorates and it fails to operate.
Consequently, when making the device adhere closely and applying solder, align the gap of the hole of the board with the gap of the lead and
insert without excessive force.
When making the device adhere closely to a through hole board and applying solder, be careful that the solder does not get into the metal part
of the retainer base and cause a short. Putting in an insulation spacer is one more method of preventing a short circuit.
When the lead is mounted floating, fix it as far as possible so that contact with other parts and the breakage due to the fatigue, and the
mechanical resonance of the lead will not occur.
When the lead is bent and used, do not bend the lead directly from the base, separate it 0.5mm or more and then bend it. When bending,
before attaching to the board, fix the place where the lead comes out in advance and attach it after bending so that a crack does not occur in
the glass part.
Surface Mount Devices
The lead of the device and the pattern of the board is soldered on the surface. Since extreme deformation of the board tears off the pattern,
tears off the lead metal, cracks the solder and damages the sealed part of the device and there are cases in which performance deteriorates
and operation fails, use it within the stipulated bending conditions. Due to the small cracks in the board resulting from mounting, please pay
sufficient attention when attaching a device at the position where the warping of the board is great.
When using an automatic loading machine, as far as possible, select a type that has a small impact and use it while confirming that there is no
damage.
Surface mount devices are NOT flow soldering compatible.
5. Storage Condition
Since the long hour high temperature and low temperature storage, as well as the storage at high humidity are causes of deterioration in
frequency accuracy and solderability.
Parts should be stored in temperature range of -5 to +40C˚, humidity 40 to 60% RH, and avoid direct sunlight. Then use within 6 months.
2. Cleaning
Since a crystal piece can be broken by resonance when a crystal
device is cleaned by ultrasonic cleaning. Be careful when carrying
out ultrasonic cleaning.
3. Soldering conditions
Standard soldering iron conditions
Reflow conditions (Example)
To maintain the product reliability, please follow recommended conditions.
Recommended reflow Conditions vary depending upon products.
Please check with the respective specification for details.
Soldering iron
Time
Crystal Oscillators
280˚C ~ 340˚C
3
+1/−0sec. max
Time(sec.)
Crystal Oscillators/TCXOs
120sec. max
10sec. max
200˚C min
40sec. max
Peak:260
˚C
+0
-10
180
˚C
+0
-10



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com