Electronic Components Datasheet Search
  English  ▼

X  

K50-HC Datasheet(PDF) 7 Page - Kyocera Kinseki Corpotation

Part # K50-HC
Description  Clock Crystal Oscillators Surface Mount Type
PDF  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  KSS [Kyocera Kinseki Corpotation]
Direct Link  http://www.kinseki.co.jp/eng
Logo KSS - Kyocera Kinseki Corpotation

K50-HC Datasheet(HTML) 7 Page - Kyocera Kinseki Corpotation

  K50-HC Datasheet HTML 1Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 2Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 3Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 4Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 5Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 6Page - Kyocera Kinseki Corpotation K50-HC Datasheet HTML 7Page - Kyocera Kinseki Corpotation  
Zoom Inzoom in Zoom Outzoom out
 7 / 7 page
background image
Ordering Format for Crystal Oscillatiors
ORDERING FORMAT FOR CRYSTAL OSCILLATORS
Please specify the following items when ordering crystal oscillators.
I. Standard products shown in the catalogue:
Please specify package type and nominal frequency.
II. Special-order products:
Please specify the following items in specification.
1 . Frequency
(1)Oscillation Frequency ____________ Hz
2 . Frequency Stability
(1)Temperature ______
×10-6 MAX. ______ ~ ______˚C (On the basis of +25˚C frequency)
(2)Supply Voltage ______
×10-6 MAX. ______ VDC ± ______ %
(3)Load. ______
×10-6 MAX. ______ Ω// ______ pF ± ______ % ± ______ %
(4)Aging ______
×10-6 MAX./year
3 . Frequency Tuning Range
± ______ ×10-6 MIN
4 . Frequency Control Range
± ______ ~± ______ ×10-6 /+ ______ V± ______ V
5 . Output
(1)Voltage ______ Vrms ______ VP-P MIN.
(2)Wave Form
Sine, Half sine wave, Harmonics 2nd ______ dB, 3rd ______ dB, Others ______ dB
(3)Load Resistance ______
Ω//Capacitance ______ pF
6 . Supply Voltage
(1)For circuit ______ VDC
± ______ %, ______ mA MAX.
7 . Environmental Condition
(1)Operating Temperature Range ______ ~ ______ ˚C
(2)Vibration
Total Amplitude ______ mm, Vibration Frequency ______ Hz~ ______ Hz
(3)Shock ______________________________________________________
8 . Dimensions, Pin Connection _______________________________________________
9 . Application ______________________________________________________________



Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com