Electronic Components Datasheet Search
  English  ▼

X  

MIC5325 Datasheet(PDF) 3 Page - Micrel Semiconductor

Part # MIC5325
Description  Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5325 Datasheet(HTML) 3 Page - Micrel Semiconductor

  MIC5325 Datasheet HTML 1Page - Micrel Semiconductor MIC5325 Datasheet HTML 2Page - Micrel Semiconductor MIC5325 Datasheet HTML 3Page - Micrel Semiconductor MIC5325 Datasheet HTML 4Page - Micrel Semiconductor MIC5325 Datasheet HTML 5Page - Micrel Semiconductor MIC5325 Datasheet HTML 6Page - Micrel Semiconductor MIC5325 Datasheet HTML 7Page - Micrel Semiconductor MIC5325 Datasheet HTML 8Page - Micrel Semiconductor MIC5325 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 11 page
background image
Micrel, Inc.
MIC5325
April 2008
3
M9999-040308-A
Absolute Maximum Ratings
(1)
Supply Voltage (VIN)............................................ 0V to VBIAS
Bias Voltage (VBIAS)................................................ 0V to 6V
Enable Voltage (VEN)........................................... 0V to VBIAS
Power Dissipation (PD)........................... Internally Limited
(3)
Lead Temperature (soldering, 10 µsec.).................... 260°C
Storage Temperature (Ts) .........................–65°C to +150°C
ESD Rating
(4).................................................................. 2kV
Operating Ratings
(2)
Supply Voltage (VIN)......................................... 1.7V to VBIAS
Bias Voltage (VBIAS).......................................... 2.5V to 5.5V
Enable Voltage (VEN)........................................... 0V to VBIAS
Junction Temperature (TJ) ........................–40°C to +125°C
Junction Thermal Resistance
2x2 Thin MLF-6 (
θJA) .........................................90°C/W
Electrical Characteristics
(5)
VBIAS = 3.6V; VIN = VOUT + 1V; COUT = 1µF; IOUT = 100µA; TJ = 25°C, bold values indicate –40°C to +125°C, unless noted.
Parameter
Condition
Min
Typ
Max
Units
Output Voltage Accuracy
Variation from nominal VOUT
–2.0
+2.0
%
Reference Voltage
ADJ pin voltage
0.7595
0.775
0.7905
V
VBIAS Line Regulation
VBIAS = 3.6V to 5.5V, VIN = VOUT +1V
0.03
0.6
%/V
VIN Line Regulation
VBIAS = 3.6V to 5.5V, VIN = VOUT +1V to 5.5V
0.02
0.6
%/V
Load Regulation
IOUT = 100µA to 400mA
0.3
2
%
VIN Dropout Voltage
IOUT = 400mA
110
250
mV
Ground Pin Current
IOUT = 100µA to 400mA, VIN = VEN, VBIAS = 5.5V
35
55
µA
Ground Pin Current in Shutdown
VEN ≤ 0.2V
0.01
1
µA
Ripple Rejection
f = up to 1kHz; COUT = 1.0µF; no CBYP
f = up to 1kHz; COUT = 1.0µF; CBYP = 10nF
f = 1kHz – 20kHz; COUT = 1.0uF; CBYP = 10nF
50
60
65
40
dB
dB
dB
Current Limit
VOUT = 0V
450
680
mA
Output Voltage Noise
COUT = 1µF, CBYP = 10nF, 10Hz to 100kHz
30
µVRMS
Enable Inputs (EN)
Logic Low
0.2
V
Enable Input Voltage
Logic High
1.2
V
VIL ≤ 0.2V
0.01
µA
Enable Input Current
VIH ≥ 1.0V
0.02
µA
Turn-on Time
COUT = 1µF; CBYP = 10nF
150
500
µs
Notes:
1. Exceeding the absolute maximum rating may damage the device.
2. The device is not guaranteed to function outside its operating rating.
3. The maximum allowable power dissipation of any TA (ambient temperature) is PD(max) = TJ(max) – TA) / θJA. Exceeding the maximum allowable power
dissipation will result in excessive die temperature, and the regulator will go into thermal shutdown.
4. Devices are ESD sensitive. Handling precautions recommended. Human body model, 1.5k in series with 100pF.
5. Specification for packaged product only.



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com