Electronic Components Datasheet Search
  English  ▼

X  

MIC5325 Datasheet(PDF) 4 Page - Micrel Semiconductor

Part # MIC5325
Description  Low VIN/VOUT 400mA ULDO??with Ultra-Low IQ
PDF  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MICREL [Micrel Semiconductor]
Direct Link  http://www.micrel.com
Logo MICREL - Micrel Semiconductor

MIC5325 Datasheet(HTML) 4 Page - Micrel Semiconductor

  MIC5325 Datasheet HTML 1Page - Micrel Semiconductor MIC5325 Datasheet HTML 2Page - Micrel Semiconductor MIC5325 Datasheet HTML 3Page - Micrel Semiconductor MIC5325 Datasheet HTML 4Page - Micrel Semiconductor MIC5325 Datasheet HTML 5Page - Micrel Semiconductor MIC5325 Datasheet HTML 6Page - Micrel Semiconductor MIC5325 Datasheet HTML 7Page - Micrel Semiconductor MIC5325 Datasheet HTML 8Page - Micrel Semiconductor MIC5325 Datasheet HTML 9Page - Micrel Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Micrel, Inc.
MIC5325
April 2008
4
M9999-040308-A
Typical Characteristics
0
-20
-40
-60
-80
-100
-120
Power Supply
Rejection Ratio (VIN)
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = VOUT +1V
VOUT = 1.2V
COUT = 1µF
CBYP = 0.01µF
100mA
50mA
100µA
100µA (NO BYP)
300mA
400mA
0
-20
-40
-60
-80
-100
-120
Power Supply
Rejection Ratio (VBIAS)
1
FREQUENCY (kHz)
0.1
10
100
1,000
VIN = VOUT +1V
VOUT = 1.2V
COUT = 1µF
CBYP = 0.01µF
100µA
100µA (NO BYP)
400mA
0
1
2
3
4
5
6
7
8
9
10
1.5 2 2.5 3 3.5 4 4.5 5 5.5
VIN (V)
Ground Current (VIN)
vs. VIN
VBIAS = 5.5V
VOUT = 1.8V
COUT = 1µF
CBYP = 0.01µF
0
1
2
3
4
5
6
7
8
9
10
Ground Current (VIN)
vs. Output Current
VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
CBYP = 0.01µF
0 50 100 150 200 250 300 350 400
OUTPUT CURRENT (mA)
0
2
4
6
8
10
12
14
16
18
Ground Current (VBIAS)
vs. Output Current
VBIAS = 3.6V
VIN = 2.8V
VOUT = 1.8V
COUT = 1µF
CBYP = 0.01µF
0 50 100 150 200 250 300 350 400
OUTPUT CURRENT (mA)
10
12
14
16
18
20
22
24
26
28
30
Ground Current (Total)
vs. Output Current
0 50 100 150 200 250 300 350 400
OUTPUT CURRENT (mA)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
2.0
1 1.5 2 2.5 3 3.5 4 4.5 5 5.5
VIN (V)
Output Voltage
vs. VIN
VBIAS = 5.5V
VOUT = 1.8V
COUT = 1µF
400mA
100µA
0
20
60
80
100
120
140
Dropout Voltage
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
40
400mA
200mA
100mA
0
20
40
60
80
100
120
140
Dropout Voltage
vs. Output Current
VBIAS = 3.6V
VIN = 2.8V
COUT = 1µF
CBYP = 0.01µF
CBAIS = 1µF
CIN = 1µF
0 50 100 150 200 250 300 350 400
OUTPUT CURRENT (mA)
0
2
4
6
8
10
12
14
16
18
20
Ground Current (VIN)
vs. Temperature
-40 -20 0 20 40 60 80 100 120
TEMPERATURE (°C)
VBIAS = 3.6V
VIN = 2.8V
VOUT = 1.8V
400mA
100µA
600
625
650
675
700
725
750
775
800
825
850
875
900
1.5 2 2.5 3 3.5 4 4.5 5 5.5
VIN (V)
Current Limit
vs. VIN
VBIAS = 5.5V
VOUT = 1.8V
COUT = 1µF
CIN = 1µF
1.6
1.65
1.7
1.75
1.8
Output Voltage
vs. Output Current
VBIAS = 3.6V
VIN = 2.8V
COUT = 1µF
CBYP = 0.01µF
CIN = 1µF
0 50 100 150 200 250 300 350 400
OUTPUT CURRENT (mA)



Html Pages

1 2 3 4 5 6 7 8 9 10 11


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com