Electronic Components Datasheet Search
  English  ▼

X  

SS22S Datasheet(PDF) 2 Page - Vishay Siliconix

Part # SS22S
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS22S Datasheet(HTML) 2 Page - Vishay Siliconix

  SS22S Datasheet HTML 1Page - Vishay Siliconix SS22S Datasheet HTML 2Page - Vishay Siliconix SS22S Datasheet HTML 3Page - Vishay Siliconix SS22S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
New Product
SS22S, SS23S & SS24S
Vishay General Semiconductor
www.vishay.com
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
Document Number: 89008
Revision: 14-Jan-08
2
Note:
(1) Pulse test: 300 µs pulse width, 1 % duty cycle
Note:
(1) P.C.B. mounted with 0.4 x 0.4" (10 x 10 mm) copper pad areas
RATINGS AND CHARACTERISTICS CURVES
(TA = 25 °C unless otherwise noted)
ELECTRICAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
TEST CONDITIONS
SYMBOL
TYP
MAX.
UNIT
Instantaneous forward voltage (1)
IF = 1 A,
IF = 2 A,
TJ = 25 °C
VF
0.436
0.517
-
0.55
V
Reverse current (1)
rated VR
TJ = 25 °C
TJ = 100 °C
IR
13
1.65
200
8
µA
mA
Typical junction capacitance
4.0 V, 1 MHz
CJ
130
-
pF
THERMAL CHARACTERISTICS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
SS22S
SS23S
SS24S
UNIT
Typical thermal resistance (1)
RθJA
RθJL
75
25
°C/W
ORDERING INFORMATION (Example)
PREFERRED P/N
UNIT WEIGHT (g)
PREFERRED PACKAGE CODE
BASE QUANTITY
DELIVERY MODE
SS24S-E3/61T
0.064
61T
1800
7" diameter plastic tape and reel
SS24S-E3/5AT
0.064
5AT
7500
13" diameter plastic tape and reel
Figure 1. Forward Current Derating Curve
2.4
2.0
1.6
1.2
0.8
0.4
0
0
25
50
75
100
125
150
175
P.C.B. Mounted on
0.4 x 0.4" (10 x 10 mm)
Copper Pad Areas
Resistive or Inductive Load
Lead Temperature (°C)
Figure 2. Forward Power Loss Characteristics
D = 0.1
D = 0.2
D = 0.3
D = 0.5
D = 0.8
D = 1.0
1.2
1.0
0.8
0.6
0.4
0.2
0
0
0.5
1.0
1.5
2.0
2.5
Average Forward Current (A)
D = t
p/T
t
p
T



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com