Electronic Components Datasheet Search
  English  ▼

X  

SS22S Datasheet(PDF) 3 Page - Vishay Siliconix

Part # SS22S
Description  Surface Mount Schottky Barrier Rectifier
PDF  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VISHAY [Vishay Siliconix]
Direct Link  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SS22S Datasheet(HTML) 3 Page - Vishay Siliconix

  SS22S Datasheet HTML 1Page - Vishay Siliconix SS22S Datasheet HTML 2Page - Vishay Siliconix SS22S Datasheet HTML 3Page - Vishay Siliconix SS22S Datasheet HTML 4Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
New Product
SS22S, SS23S & SS24S
Vishay General Semiconductor
Document Number: 89008
Revision: 14-Jan-08
For technical questions within your region, please contact one of the following:
PDD-Americas@vishay.com, PDD-Asia@vishay.com, PDD-Europe@vishay.com
www.vishay.com
3
PACKAGE OUTLINE DIMENSIONS in inches (millimeters)
Figure 3. Maximum Non-Repetitive Peak Forward Surge Current
Figure 4. Typical Instantaneous Forward Characteristics
50
40
30
20
10
0
0
10
100
Number of Cycles at 60 Hz
At rated T
L
8.3 ms Single Half Sine-Wave
100
10
1
0.1
0.1
0.3
0.5
0.7
0.9
1.1
1.3
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
Instantaneous Forward Voltage (V)
Figure 5. Typical Reverse Leakage Characteristics
Figure 6. Typical Junction Capacitance
T
J = 150 °C
T
J = 125 °C
T
J = 25 °C
100000
10000
1000
100
10
10
20
30
40
50
60
70
80
90
100
1
Percent of Rated Peak Reverse Voltage (%)
100
10
10
100
1000
0.1
1
Reverse Voltage (V)
T
J = 25 °C
f = 1.0 MHz
V
sig = 50 mVp-p
0.030 (0.76)
0.060 (1.52)
0.008 (0.203)
0.194 (4.93)
0.208 (5.28)
0.157 (3.99)
0.177 (4.50)
0.100 (2.54)
0.110 (2.79)
0.078 (1.98)
0.090 (2.29)
0.006 (0.152)
0.012 (0.305)
0.049 (1.25)
0.065 (1.65)
Cathode Band
0 (0)
DO-214AC (SMA)
Mounting Pad Layout
0.074 (1.88)
MAX.
0.208
(5.28) REF.
0.066 (1.68)
MIN.
0.060 (1.52)
MIN.



Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com