Electronic Components Datasheet Search
  English  ▼

X  

B7640 Datasheet(PDF) 4 Page - EPCOS

Part # B7640
Description  SAW duplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7640 Datasheet(HTML) 4 Page - EPCOS

  B7640 Datasheet HTML 1Page - EPCOS B7640 Datasheet HTML 2Page - EPCOS B7640 Datasheet HTML 3Page - EPCOS B7640 Datasheet HTML 4Page - EPCOS B7640 Datasheet HTML 5Page - EPCOS B7640 Datasheet HTML 6Page - EPCOS B7640 Datasheet HTML 7Page - EPCOS B7640 Datasheet HTML 8Page - EPCOS B7640 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
February 23, 2007
B7640
836.50 / 881.50 MHz
Please read
cautions and warnings and
important notes at the end of this document.
SAW Components
SAW duplexer
Data Sheet
Characteristics
Temperature range for specification:
T
= –15 ˚C to +80 ˚C
ANT terminating impedance:
ZANT =50 Ω
RX terminating impedance:
ZRX = 100 Ω (balanced)
TX terminating impedance:
ZTX =50 Ω
Characteristics ANT-RX
min.
typ.
@ 25˚C
max.
Center frequency
fC
—
881.5
—
MHz
Maximum insertion attenuation
α
max
869.0
...
894.0
MHz
—
2.0
2.71)
dB
Amplitude ripple (p-p)
∆α
869.0
...
894.0
MHz
—
0.7
1.4
dB
Amplitude ripple in 5 MHz channel (p-p)
∆α
869.0
...
894.0
MHz
—
0.5
0.7
dB
Group delay variation in 5 MHz channel
∆α
869.0
...
894.0
MHz
—
25
35
ns
IMD Product Level Limits
at fTX = 836.5 MHz fRX = 881.5 MHz
Blocker 1
45.0
MHz
—
-114
-110
dBm
Blocker 2
791.5
MHz
—
-115
-110
dBm
Blocker 3
1718.0
MHz
—
-125
-110
dBm
VSWR
RX port
869.0
...
894.0
MHz
—
1.6
1.9
ANT port
869.0
...
894.0
MHz
—
1.4
1.8
Output phase balance (
φ(S31)−φ(S21)+180˚)
869.0
...
894.0
MHz
-10
-6 / 6
10
degree
Output amplitude balance (|S31/S21|)
869.0
...
894.0
MHz
-1.5
-1.1/ 0.5
1.5
dB
Attenuation
α
0.3
...
779.0
MHz
40
56
—
dB
779.0
...
824.0
MHz
40
55
—
dB
824.0
...
849.0
MHz
47
53
—
dB
849.0
...
854.0
MHz
25
30
—
dB
914.0
... 1693.0
MHz
23
35
—
dB
1693.0
... 1788.0
MHz
45
58
—
dB
1788.0
... 2400.0
MHz
40
56
—
dB
2400.0
... 2500.0
MHz
40
48
—
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com