Electronic Components Datasheet Search
  English  ▼

X  

B7640 Datasheet(PDF) 5 Page - EPCOS

Part # B7640
Description  SAW duplexer
PDF  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EPCOS [EPCOS]
Direct Link  http://www.epcos.com
Logo EPCOS - EPCOS

B7640 Datasheet(HTML) 5 Page - EPCOS

  B7640 Datasheet HTML 1Page - EPCOS B7640 Datasheet HTML 2Page - EPCOS B7640 Datasheet HTML 3Page - EPCOS B7640 Datasheet HTML 4Page - EPCOS B7640 Datasheet HTML 5Page - EPCOS B7640 Datasheet HTML 6Page - EPCOS B7640 Datasheet HTML 7Page - EPCOS B7640 Datasheet HTML 8Page - EPCOS B7640 Datasheet HTML 9Page - EPCOS Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 12 page
background image
5
February 23, 2007
B7640
836.50 / 881.50 MHz
SAW Components
SAW duplexer
Data Sheet
Please read
cautions and warnings and
important notes at the end of this document.
2500.0
... 2682.0
MHz
40
47
—
dB
2682.0
... 5000.0
MHz
30
40
—
dB
5150.0
... 5825.0
MHz
30
46
—
dB
5825.0
... 6000.0
MHz
30
44
—
dB
1) 5.0 dB in ranges –25...-15 ˚C and +80...+85 ˚C
Characteristics TX-RX
min.
typ.
@ 25˚C
max.
Isolation between RX and TX
α
824.0
...
849.0
MHz
50
57
—
dB
869.0
...
894.0
MHz
45
52
—
dB
Characteristics ANT-RX
min.
typ.
@ 25˚C
max.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com