Electronic Components Datasheet Search
  English  ▼

X  

BB504C Datasheet(PDF) 1 Page - Renesas Technology Corp

Part # BB504C
Description  Built in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
PDF  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  RENESAS [Renesas Technology Corp]
Direct Link  http://www.renesas.com
Logo RENESAS - Renesas Technology Corp

BB504C Datasheet(HTML) 1 Page - Renesas Technology Corp

  BB504C Datasheet HTML 1Page - Renesas Technology Corp BB504C Datasheet HTML 2Page - Renesas Technology Corp BB504C Datasheet HTML 3Page - Renesas Technology Corp BB504C Datasheet HTML 4Page - Renesas Technology Corp BB504C Datasheet HTML 5Page - Renesas Technology Corp BB504C Datasheet HTML 6Page - Renesas Technology Corp BB504C Datasheet HTML 7Page - Renesas Technology Corp BB504C Datasheet HTML 8Page - Renesas Technology Corp BB504C Datasheet HTML 9Page - Renesas Technology Corp Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 10 page
background image
Rev.6.00 Aug 10, 2005 page 1 of 9
BB504C
Built in Biasing Circuit MOS FET IC
VHF&UHF RF Amplifier
REJ03G0836-0600
(Previous ADE-208-983D)
Rev.6.00
Aug.10.2005
Features
• Built in Biasing Circuit; To reduce using parts cost & PC board space.
• Low noise; NF = 1.0 dB typ. at f = 200 MHz, NF =1.75 dB typ. at f =900 MHz
• High gain; PG = 30 dB typ. at f = 200 MHz, PG = 22 dB typ. at f = 900 MHz
• Withstanding to ESD;
Built in ESD absorbing diode. Withstand up to 200 V at C = 200 pF, Rs = 0 conditions.
• Provide mini mold packages; CMPAK-4 (SOT-343mod)
Outline
RENESAS Package code: PTSP0004ZA-A
(Package name: CMPAK-4)
1. Source
2. Gate1
3. Gate2
4. Drain
1
4
3
2
Notes:
1.
Marking is “DS–”.
2.
BB504C is individual type number of RENESAS BBFET.


Similar Part No. - BB504C

ManufacturerPart #DatasheetDescription
logo
Hitachi Semiconductor
BB504C HITACHI-BB504C Datasheet
80Kb / 11P
Build in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
More results

Similar Description - BB504C

ManufacturerPart #DatasheetDescription
logo
Renesas Technology Corp
TBB1002 RENESAS-TBB1002_06 Datasheet
105Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_06 Datasheet
105Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1005 RENESAS-TBB1005 Datasheet
105Kb / 10P
Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1017 RENESAS-TBB1017 Datasheet
238Kb / 14P
Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB305M RENESAS-BB305M Datasheet
212Kb / 10P
Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
BB504M RENESAS-BB504M_11 Datasheet
133Kb / 10P
Built in Biasing Circuit MOS FET IC VHF&UHF RF Amplifier
TBB1002 RENESAS-TBB1002_11 Datasheet
125Kb / 9P
Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1004 RENESAS-TBB1004_11 Datasheet
125Kb / 9P
Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1005 RENESAS-TBB1005_11 Datasheet
125Kb / 9P
Twin Built in Biasing Circuit MOS FET IC VHF/UHF RF Amplifier
TBB1012 RENESAS-TBB1012_15 Datasheet
225Kb / 15P
Twin Built in Biasing Circuit MOS FET IC UHF/VHF RF Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com