Electronic Components Datasheet Search
  English  ▼

X  

DM163 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # DM163
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM163 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

Back Button DM163 Datasheet HTML 4Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 5Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 12Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 21 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM163
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version: A.004
Page
7
Maximum Ratings (Ta=25°C, Tj(max) = 140°C)
CHARACTERISTIC
SYMBOL
RATING
UNIT
Supply Voltage
VDD
-0.3 ~ 7.0
V
Input Voltage
VIN
-0.3 ~ VDD+0.3
V
Output Current
IOUT
60
mA
Output Voltage
VOUT
-0.3 ~ 17
V
DCK Frequency
FDCK
20
MHz
GCK Frequency
FGCK
20
MHz
GND Terminal Current
IGND
1440
mA
Power Dissipation
PD
1.36 ( QFP44); 3.63 (QFN40)
(Ta=25
°C)
W
Thermal Resistance
Rth(j-a)
84.42 ( QFP44 ); 31.67 (QFN40)
℃/W
Operating Temperature
Top
-40 ~ 85
℃
Storage Temperature
Tstg
-55 ~ 150
℃
Recommended Operating Condition
DC Characteristics (Ta = 25
°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
Supply Voltage
VDD
⎯
3
5.5
V
Output Voltage
VOUT
⎯
⎯
⎯
17
V
IO
OUTn
5
⎯
60
IOH
SERIAL-OUT
⎯
⎯
2
Output Current
IOL
SERIAL-OUT
⎯
⎯
-2
mA
VIH
⎯
0.8 VDD
⎯
VDD+0.2
Input Voltage
VIL
⎯
-0.2
⎯
0.2 VDD
V
AC Characteristics (VDD = 5.0 V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
DCK Frequency
FDCK
Cascade operation
⎯
⎯
20
MHz
DCK pulse duration
twh / twl
High or low level
15
⎯
⎯
ns
DCK rise/fall time
tr / tf
⎯
⎯
⎯
20
ns
GCK Frequency
FGCK
⎯
1
⎯
20
MHz
GCK pulse duration
twh / twl
High or low level
15
⎯
⎯
ns
GCK rise/fall time
tr / tf
⎯
⎯
⎯
20
ns
Set-up Time for SIN
tsetup(D)
Before DCK rising edge
2
⎯
⎯
ns
Hold Time for SIN
thold(D)
After DCK rising edge
3
⎯
⎯
ns
Set-up Time for DCK
tsetup(L)
Before LAT_B falling edge
3
⎯
⎯
ns
LAT_B Pulse Width
tw LAT
⎯
5
⎯
⎯
ns
Set-up Time for LAT_B
Tsetup(G)
Before GCK rising edge
13
⎯
⎯
ns
Set-up Time for SELBK
Tsetup(S)
Before DCK rising edge
5
⎯
⎯
ns
Hold Time for SELBK
Thold(S)
After DCK rising edge
1
⎯
⎯
ns



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com