Electronic Components Datasheet Search
  English  ▼

X  

DM163 Datasheet(PDF) 10 Page - List of Unclassifed Manufacturers

Part # DM163
Description  8x3-CHANNEL CONSTANT CURRENT LED DRIVER
PDF  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

DM163 Datasheet(HTML) 10 Page - List of Unclassifed Manufacturers

Back Button DM163 Datasheet HTML 6Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 7Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 8Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 9Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 10Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 11Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 12Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 13Page - List of Unclassifed Manufacturers DM163 Datasheet HTML 14Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 21 page
background image
點晶科技股份有限公司
SILICON TOUCH TECHNOLOGY INC.
DM163
8x3-CHANNEL CONSTANT CURRENT LED DRIVERS
Version: A.004
Page
9
Switching Characteristics (VDD = 3.3V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
SOUT Rise time
tor
⎯
4
5
ns
SOUT Fall time
tof
⎯
4
5
ns
SOUT Propagation delay
(L to H)
tpLH
⎯
24
30
ns
SOUT Propagation delay
(H to L)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
CL=13pF
⎯
20
25
ns
IOUT Rise time
tor
⎯
15
18
ns
IOUT Fall time
tof
⎯
20
25
ns
IOUT Propagation delay
After GCK or EN_B
(L to H / OFF to ON)
tpLH
⎯
35
37
ns
IOUT Propagation delay
After GCK or EN_B
(H to L / ON to OFF)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
VLED=3.3V
RL=120
Ω
CL=33pF
⎯
30
35
ns
Switching Characteristics (VDD = 5.0V, Ta = 25°C)
CHARACTERISTIC
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
SOUT Rise time
tor
⎯
4
5
ns
SOUT Fall time
tof
⎯
4
6
ns
SOUT Propagation delay
(L to H)
tpLH
⎯
19
25
ns
SOUT Propagation delay
(H to L)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
CL=13pF
⎯
17
23
ns
IOUT Rise time
tor
⎯
4
6
ns
IOUT Fall time
tof
⎯
15
18
ns
IOUT Propagation delay
After GCK or EN_B
(L to H / OFF to ON)
tpLH
⎯
26
30
ns
IOUT Propagation delay
After GCK or EN_B
(H to L / ON to OFF)
tpHL
VIH=VDD
VIL=GND
REXT=3K
Ω
VLED=5.0V
RL=120
Ω
CL=33pF
⎯
20
25
ns
Input Capacitance (Ta = 25°C)
INPUT NODE
SYMBOL
CONDITION
MIN.
TYP.
MAX.
UNIT
SIN
CSIN
⎯
⎯
3
⎯
pF
DCK
CDCK
⎯
⎯
3
⎯
pF
GCK
CGCK
⎯
⎯
3
⎯
pF
LAT_B
CLAT_B
⎯
⎯
3
⎯
pF
EN_B
CEN_B
⎯
⎯
3
⎯
pF
RST_B
CRST_B
⎯
⎯
3
⎯
pF
SELBK
CSELBK
⎯
⎯
3
⎯
pF



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com