Electronic Components Datasheet Search
  English  ▼

X  

PSCT-60 Datasheet(PDF) 21 Page - ABB

Part # PSCT-60
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-60 Datasheet(HTML) 21 Page - ABB

Back Button PSCT-60 Datasheet HTML 17Page - ABB PSCT-60 Datasheet HTML 18Page - ABB PSCT-60 Datasheet HTML 19Page - ABB PSCT-60 Datasheet HTML 20Page - ABB PSCT-60 Datasheet HTML 21Page - ABB PSCT-60 Datasheet HTML 22Page - ABB PSCT-60 Datasheet HTML 23Page - ABB PSCT-60 Datasheet HTML 24Page - ABB PSCT-60 Datasheet HTML 25Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 44 page
background image
ABB Spare parts | 1/17
1
Spare parts contactors
Classic products
Coil codes contactor / coil type EH / KH ...
AC operated
Voltage
Contactor * / coil ** type
Coil code
50 Hz
60Hz
EH175 / KH210 EH210 / KH210 EH260 / KH300 EH300 / KH300 EH370 / KH550 EH550 / KH550 EH700 / KH800 EH800 / KH800 EH1200 / KH1200
❏
❏
48
•
•
•
•
•
•
•
•
–
A
D
110
•
•
•
•
•
•
•
•
–
A
E
110
120
•
•
•
•
•
•
•
•
–
A
F
190
220
•
•
•
•
•
•
•
•
–
A
H
240
•
•
•
•
•
•
•
•
–
A
K
220 ... 230
•
•
•
•
•
•
•
•
–
A
L
230 ... 240
•
•
•
•
•
•
•
•
–
A
M
380
•
•
•
•
•
•
•
•
–
A
N
380 ... 400 440
•
•
•
•
•
•
•
•
–
A
P
400 ... 415
•
•
•
•
•
•
•
•
–
A
R
480
•
•
•
•
•
•
•
•
–
A
S
660
•
–
–
–
–
–
•
•
–
A
Y
DC operated
Voltage
Contactor * / coil ** type
Coil code
V DC
EH175 / KH210 EH210 / KH210 EH260 / KH300 EH300 / KH300 EH370 / KH550 EH550 / KH550 EH700 / KH800 EH800 / KH800 EH1200 / KH1200
❏
❏
24
•
•
•
•
•
•
•
•
•
D
B
110
•
•
•
•
•
•
•
•
•
D
E
125
•
•
•
•
•
•
•
•
–
D
U
77 ... 143
–
–
•
–
–
–
–
–
–
W
E
Multi frequency
Voltage
Contactor * / coil ** type
Coil code
40 ... 400 Hz
EH175 / KH210 EH210 / KH210 EH260 / KH300 EH300 / KH300 EH370 / KH550 EH550 / KH550 EH700 / KH800 EH800 / KH800 EH1200 / KH1200
❏
❏
110 ... 120
–
–
–
•
–
•
•
–
•
E
F
115 ... 127
•
–
–
–
–
•
–
•
–
E
G
220 ... 230
–
•
–
•
•
•
•
•
•
E
L
230 ... 240
•
•
•
•
•
•
•
•
–
E
M
400 ... 415
–
–
–
–
•
•
–
–
–
E
R



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com