Electronic Components Datasheet Search
  English  ▼

X  

PSCT-60 Datasheet(PDF) 28 Page - ABB

Part # PSCT-60
Description  Spare parts for contactors, R contactors, softstarters and arc guard
PDF  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

PSCT-60 Datasheet(HTML) 28 Page - ABB

Back Button PSCT-60 Datasheet HTML 24Page - ABB PSCT-60 Datasheet HTML 25Page - ABB PSCT-60 Datasheet HTML 26Page - ABB PSCT-60 Datasheet HTML 27Page - ABB PSCT-60 Datasheet HTML 28Page - ABB PSCT-60 Datasheet HTML 29Page - ABB PSCT-60 Datasheet HTML 30Page - ABB PSCT-60 Datasheet HTML 31Page - ABB PSCT-60 Datasheet HTML 32Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 28 / 44 page
background image
2
2/4 | ABB Spare parts
Spare parts R contactors
Control circuits
Surge suppressors for contactor coils
Ordering details
For R contactors type
IOR, NOR , JOR, LOR and FOR
Rated control circuit
voltage
Uc
Type
Order code
Pkg
qty
Weight
(1 pce)
V
AC DC
kg
63 ... 5100
24...60
●
–
RV-R1/60
FPTN410463R6001
1
0.050
60...133
●
–
RV-R1/133
FPTN410463R6002
1
0.050
110...250
●
–
RV-R1/250
FPTN410463R6003
1
0.050
250...440
●
–
RV-R1/440
FPTN410463R6004
1
0.050
440...660
●
–
RV-R1/660
FPTN410463R6005
1
0.050
24...90
–
●
RV-R1/60
FPTN410463R6001
1
0.050
60...180
–
●
RV-R1/133
FPTN410463R6002
1
0.050
110...320
–
●
RV-R1/250
FPTN410463R6003
1
0.050
250...550
–
●
RV-R1/440
FPTN410463R6004
1
0.050
440...660
–
●
RV-R1/660
FPTN410463R6005
1
0.050
Rectifiers
Ordering details
For R contactors type
IORR, NORR, JORR,
LORR and FORR
Rated control circuit
voltage
Uc
Order code
Pkg
qty
Weight
(1 pce)
kg
63 ... 5100
< 440 V AC
TRE2614501
1
0.050
≥ 440 V AC
TRE2720801
1
0.050
Complete control circuit kit
Including:
– 1 coil
– 1 economy resistor
– 1 surge suppressor
– 1 rectifier
For complete kit, please contact your local sales organization (order code of R contactor needed).
Magnet circuits
Ordering details
For R contactors type
IORR, NORR, JORR, LORR, and FORR
Order code
Pkg
qty
Weight
(1 pce)
IORE, NORE, JORE, LORE, and FORE
kg
63, 85
FPTN410437R0001
1
1.500
125, 170
FPTN410438R0001
1
1.500
200, 260
FPTN410439R0001
1
1.500
400 ... 630
FPTN410441´R0001
1
2.500
≥ 800
FPTN410200R0001
1
8.000
For tripping electro-magnet circuit AME or AM(F)-CC > 800 A: use 63, 85 A electro-magnet circuit.
For IOR and IOR ... AMA versions, please consult your local sales organization (order code of R contactor needed).
Coils, economy resistors and other specific parts
Please contact your local sales organization (order code of R contactor needed).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com