Electronic Components Datasheet Search
  English  ▼

X  

OS60G Datasheet(PDF) 2 Page - ABB

Part # OS60G
Description  Installation instruction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS60G Datasheet(HTML) 2 Page - ABB

  OS60G Datasheet HTML 1Page - ABB OS60G Datasheet HTML 2Page - ABB OS60G Datasheet HTML 3Page - ABB OS60G Datasheet HTML 4Page - ABB OS60G Datasheet HTML 5Page - ABB OS60G Datasheet HTML 6Page - ABB OS60G Datasheet HTML 7Page - ABB OS60G Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Clearances per UL98
OS32G-63G_11-22
3
4
G
F
E
M5
3/16
D
H
C
A
8
0.31
29
1.14
7
0.28
138...205 (OXP 6x161)
5.43...8.07
45
1.77
112
4.41
14 min
0.35
B
OS32-63G_
mm
OS32-63G_
mm
OS60G_
mm / in
D11 D12 D13 D22 B/F11 B/F12 B/F13 B/F22
J11
J112
J13
J22
91
120,5
-
60
30
44
74
70
35
75
50
A
B
C
D
E
F
G
A1
A2
B1
B2
114,5
120,5
23,5
60
30
44
74
93,5
35
123,5
50
138
120,5
23,5
60
30
44
74
117
35
147
50
138
120,5
23,5
60
30
67,5
97,5
117
58,5
147
73,5
91
108,5
-
60
30
44
74
70
35
75
50
114,5
108,5
23,5
60
30
44
74
93,5
35
123,5
50
138
108,5
23,5
60
30
44
74
117
35
147
50
138
108,5
23,5
60
30
67,5
97,5
117
58,5
147
73,5
112,5/4.43
118/4.65
-
7 1,5/2.82
36/1.42
55,5/2.19
91,5/3.6
81,5/3.21
41/1.61
111,5/4.39
56/2.20
147.5/5.81
118/4.65
35/1.38
71,5/2.82
36/1.42
55,5/2.19
91,5/3.6
116,5/4.59
41/1.61
146,5/5.77
56/2.20
182,5/7.19
118/4.65
35/1.38
71,5/2.82
36/1.42
55,5/2.19
91,5/3.60
151,5/5.97
41/1.61
181,5/7.15
56/2.20
182,6/7.19
118/4.65
35/1.38
71,5/2.82
36/1.42
91,5/3.60
126,5/4.98
151,5/5.97
76/2.99
181,5/7.15
91/3.58
mm
in
45/1.77
100/3.94
O
F
F
ON
B2
B1
84
3.31
O
F
F
ON
A2
114
4.49
A1
O
F
F
ON
Minimum enclosure size
or equivalent volume
Cable size
C
38 mm 1.5 in
51 mm 2 in
100 mm 4 in
AWG
14-8
6
4
0
13 mm 0.5 in
13 mm 0.5 in
OS60J_
Height
250 mm
10 in
Width
200 mm
8 in
Depth
150 mm
6 in
A
B
D
O
F
F
ON



Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com