Electronic Components Datasheet Search
  English  ▼

X  

OS60G Datasheet(PDF) 1 Page - ABB

Part # OS60G
Description  Installation instruction
PDF  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OS60G Datasheet(HTML) 1 Page - ABB

  OS60G Datasheet HTML 1Page - ABB OS60G Datasheet HTML 2Page - ABB OS60G Datasheet HTML 3Page - ABB OS60G Datasheet HTML 4Page - ABB OS60G Datasheet HTML 5Page - ABB OS60G Datasheet HTML 6Page - ABB OS60G Datasheet HTML 7Page - ABB OS60G Datasheet HTML 8Page - ABB  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
OS32G-63G
Installation instruction
34OS32G-63G rev. L / 1SCC311036M0212
OS32G-63G_
OS32G-63G_01-04
1
2
D
C
A
O
F
F
ON
100/3.94
57/2.24
47,5
1.87
17,5
0.69
E
100/3.94
45/1.77
138...205 (OXP 6x161)
5.43...8.07
45
1.77
112/4.41
14 min
0.55
B
6
0.24
A1
114
4.49
10
0.39
OS32-63G_
mm
OS32-63G_
mm
OS60G_
mm / in
D01 D02 D03 D04 B/F01 B/F02 B/F03 B/F04
J01
J02
J03
J04
A
B
C
D
E
A1
B1
65,5
120,5
-
40
30
45
75
88
120,5
23,5
40
30
68,5
98,5
111,5
120,5
23,5
40
30
92
122
135,5
120,5
23,5
40
30
111,5
145,5
64,5
108,5
-
40
30
45
75
88
108,5
23,5
40
30
68,5
98,5
111,5
108,5
23,5
40
30
92
122
135,5
108,5
23,5
40
30
111,5
145,5
75/2.95
118/4.65
-
46/1.81
36/1.42
51/2.01
81/3.19
110/4.33
118/4.65
35/1.38
46/1.81
36/1.42
86/3.39
116/4.57
145/5.71
118/4.65
35/1.38
46/1.81
36/1.42
121/4.77
151/5.95
180/7.09
118/4.65
35/1.38
46/1.81
36/1.42
156/6.14
186/7.33
8
0.31
29
1.14
7
0.28
mm
in
M5
3/16
O
F
F
ON
84
3.31
B1
25
0.98
O
F
F
ON
2,5 mm
0.1 in
1.8...2 Nm 16 - 18 lb.in
M5
3/16
OH_45 6_
TORX T15
0.8 Nm
7 lb.in
J
L
1
2
3
1
2
3
4


Similar Part No. - OS60G

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
OS60GJ03 ETC2-OS60GJ03 Datasheet
735Kb / 8P
Disconnect switches Non-fusible Fusible
logo
ABB
OS60GJ03P ABB-OS60GJ03P Datasheet
4Mb / 12P
Switches Switch fuses OS32...160 A Gamma series
09-12
OS60GJ04FP ABB-OS60GJ04FP Datasheet
4Mb / 12P
Switches Switch fuses OS32...160 A Gamma series
09-12
OS60GJ12P ABB-OS60GJ12P Datasheet
4Mb / 12P
Switches Switch fuses OS32...160 A Gamma series
09-12
OS60GJ22FP ABB-OS60GJ22FP Datasheet
4Mb / 12P
Switches Switch fuses OS32...160 A Gamma series
09-12
More results

Similar Description - OS60G

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
CJ1W-TS562 OMRON-CJ1W-TS562 Datasheet
288Kb / 2P
INSTRUCTION SHEET
logo
DENSEI-LAMBDA
PAF600F280 LAMBDA-PAF600F280 Datasheet
897Kb / 13P
Instruction Manual
logo
COREBAI Microelectronic...
CBM232 COREBAI-CBM232 Datasheet
839Kb / 9P
OPERATION INSTRUCTION
CBM2003A COREBAI-CBM2003A Datasheet
1Mb / 11P
OPERATION INSTRUCTION
CBM2576-XX COREBAI-CBM2576-XX Datasheet
1Mb / 16P
OPERATION INSTRUCTION
CBM2904 COREBAI-CBM2904 Datasheet
803Kb / 7P
OPERATION INSTRUCTION
CBM3232AS COREBAI-CBM3232AS Datasheet
986Kb / 13P
OPERATION INSTRUCTION
CBM3485A COREBAI-CBM3485A Datasheet
903Kb / 11P
OPERATION INSTRUCTION
CBM8031 COREBAI-CBM8031 Datasheet
1Mb / 12P
OPERATION INSTRUCTION
CBM8511 COREBAI-CBM8511 Datasheet
1Mb / 17P
OPERATION INSTRUCTION
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com