Electronic Components Datasheet Search
  English  ▼

X  

OSP160GD Datasheet(PDF) 4 Page - ABB

Part # OSP160GD
Description  Switch fuses
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSP160GD Datasheet(HTML) 4 Page - ABB

  OSP160GD Datasheet HTML 1Page - ABB OSP160GD Datasheet HTML 2Page - ABB OSP160GD Datasheet HTML 3Page - ABB OSP160GD Datasheet HTML 4Page - ABB OSP160GD Datasheet HTML 5Page - ABB OSP160GD Datasheet HTML 6Page - ABB OSP160GD Datasheet HTML 7Page - ABB OSP160GD Datasheet HTML 8Page - ABB OSP160GD Datasheet HTML 9Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 24 page
background image
4
SWITCH FUS E S , OS10 0G -160G
Height
Width
Depth
300 mm
350 mm
200 mm
12 in
14 in
8 in
A
B
D
0
13 mm / 0.5 in
13 mm / 0.5 in
AWG
C
14-8
38 mm
1.5 in
6
51 mm
2 in
4-1
100 mm
4 in
1/0
125 mm
5 in
2/0
150 mm
6 in
—
Labels
—
Clearances per UL98
Minimum enclosure size or equivalent volume
1
2
OS100J_
O
F
F
ON



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com