Electronic Components Datasheet Search
  English  ▼

X  

OSP160GD Datasheet(PDF) 10 Page - ABB

Part # OSP160GD
Description  Switch fuses
PDF  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OSP160GD Datasheet(HTML) 10 Page - ABB

Back Button OSP160GD Datasheet HTML 6Page - ABB OSP160GD Datasheet HTML 7Page - ABB OSP160GD Datasheet HTML 8Page - ABB OSP160GD Datasheet HTML 9Page - ABB OSP160GD Datasheet HTML 10Page - ABB OSP160GD Datasheet HTML 11Page - ABB OSP160GD Datasheet HTML 12Page - ABB OSP160GD Datasheet HTML 13Page - ABB OSP160GD Datasheet HTML 14Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
SWITCH FUS E S , OS10 0G -160G
—
Direct mount handle OSV_
OSV200BK
Remove
Ø5...6 mm
Note:
Use protection against
direct contact.
For example:
165
37
T
O
O
F
F
ON
1
2
65
3
ON
ON
O
F
F
O
F
F
2,5 mm
2
1
5
6
4
8
0,8 Nm
7
0,1 in
1,8...2 Nm
16-18 lb.in



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com