Electronic Components Datasheet Search
  English  ▼

X  

DIA7965BAAST5 Datasheet(PDF) 13 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965BAAST5
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965BAAST5 Datasheet(HTML) 13 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7965BAAST5 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
9
9.4. Output current limit
The DIA7965 internal current limit helps to protect the regulator during fault conditions. Output current is
internally limited within the IC to a typical 700 mA. During the current limit, the output sources a fixed amount of
current that is largely independent of the output voltage. In such a case, the output voltage is not regulated, and
VOUT = ICL × RLOAD. The PMOS pass transistor dissipates (VIN – VOUT) × ICL until the thermal shutdown is triggered
and the device turns off. As the device cools down, it is turned on by the internal thermal shutdown circuit. If the
fault condition continues, the device cycles between the current limit and thermal shutdown.
9.5. Short circuits protection
The DIA7965 has integrated internally the function of short circuit protection for the device. When the output is
shorted, the short circuit protection will limit the output current to a typical 200 mA, which is called short circuit
limit (ISC). When a short circuit occurs, the PMOS pass transistor dissipates (VIN – VOUT) × ISC until the thermal
shutdown is triggered and the device turns off. As the device cools down, it is turned on by the internal thermal
shutdown circuit.
9.6. Thermal shutdown
When the chip temperature exceeds the thermal shutdown point (TSD = 160°C typical), the device goes to the
disabled state and the output voltage is not delivered until the die temperature decreases to 135°C. The thermal
shutdown feature protects from a catastrophic device failure at accidental overheating. Using this protection in
place of proper heat sinking is not recommended.
9.7. Dropout voltage
The DIA7965 uses a PMOS pass transistor to achieve low dropout. When (VIN – VOUT) is less than the dropout
voltage (VDO), the PMOS pass device is in the linear region of operation and the input-to-output resistance is the
RDS(on) of the PMOS pass element. VDO scales approximately with output current because the PMOS device
behaves as a resistor in dropout.
9.8. Power dissipation and heat sinking
The maximum power dissipation supported by the device is dependent upon board design and layout. Mounting
pad configuration on the PCB, the board material, and the ambient temperature affect the rate of junction
temperature rise for the part. The maximum power dissipation the DIA7965 device can handle is given by:
θJA
A
J(MAX)
D(MAX)
R
]
T
-
[T
P
(1)
The power dissipated by the DIA7965 device for given application conditions can be calculated from the
following equations:
(
)
OUT
IN
OUT
GND
IN
D
V
V
I
+
I
×
V
P
-
≈
(2)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com