Electronic Components Datasheet Search
  English  ▼

X  

DIA7965BAAST5 Datasheet(PDF) 17 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7965BAAST5
Description  Automotive 500 mA, High PSRR Low IQ LDO
PDF  18 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7965BAAST5 Datasheet(HTML) 17 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7965BAAST5 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 12Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 13Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 14Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 15Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7965BAAST5 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD  
Zoom Inzoom in Zoom Outzoom out
 17 / 18 page
background image
DIA7965
Version 1.0, Dec 2023
www.dioo.com
© 2023 DIOO MICROCIRCUITS CO., LTD.
13
Common Dimensions
(Units of measure = Millimeter)
Symbol
Min
Nom
Max
A
0.34
0.37
0.40
A1
0
0.02
0.05
A3
0.10 REF
b
0.17
0.22
0.27
D
0.95
1.00
1.05
E
0.95
1.00
1.05
D2
0.43
0.48
0.53
E2
0.43
0.48
0.53
L
0.20
0.25
0.30
e
0.60
0.65
0.70
K
0.15
-
-
L2
0.07
0.12
0.17
b2
0.02
-
0.12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com