Electronic Components Datasheet Search
  English  ▼

X  

DIA7976APADJCD8 Datasheet(PDF) 20 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976APADJCD8
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976APADJCD8 Datasheet(HTML) 20 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976APADJCD8 Datasheet HTML 16Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 17Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 18Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 19Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 20Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 21Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 22Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 23Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 24Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
15
10.Application Information
Important notice: Validation and testing are the most reliable ways to confirm system functionality. The
application information is not part of the specification and is for reference purposes only.
10.1.Application examples
Figure 22. Typical application: adjustable voltage
Figure 23. Typical application: fixed voltage
10.2.Adjustable device feedback resistors
Figure 22 shows that the output voltage of the DIA7976 can be adjusted from 0.55 V to 5.5 V by using a resistor
divider network.
The adjustable version DIA7976 requires external feedback divider resistors to set the output voltage. The
feedback divider resistors, R1 and R2 set the VOUT, according to the following equation:
VOUT = VFB × (1 + R1/R2)
(2)
Setting the feedback divider current to 100x the FB pin current listed in the Electrical Characteristics table can
ignore the FB pin current error term in the VOUT equation, which provides the maximum feedback divider series
resistance, as shown in the following equation:
R1 + R2 ≤ VOUT / (IFB × 100)
(3)



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com