Electronic Components Datasheet Search
  English  ▼

X  

DIA7976APADJCD8 Datasheet(PDF) 7 Page - DIOO MICROCIRCUITS CO., LTD

Part # DIA7976APADJCD8
Description  500 mA, High-Accuracy LDO with Power-Good for Automotive Application
PDF  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIOO [DIOO MICROCIRCUITS CO., LTD]
Direct Link  https://www.dioo.com/#/
Logo DIOO - DIOO MICROCIRCUITS CO., LTD

DIA7976APADJCD8 Datasheet(HTML) 7 Page - DIOO MICROCIRCUITS CO., LTD

Back Button DIA7976APADJCD8 Datasheet HTML 3Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 4Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 5Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 6Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 7Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 8Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 9Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 10Page - DIOO MICROCIRCUITS CO., LTD DIA7976APADJCD8 Datasheet HTML 11Page - DIOO MICROCIRCUITS CO., LTD Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 25 page
background image
DIA7976
Version 1.9, Apr 2025
www.dioo.com
© 2025 Dioo Microcircuits Co., Ltd. Jiangsu
2
Pin Name
Description
EN
Enable pin. Drive EN greater than VEN(HI) to turn on the regulator. Drive EN less than VEN(LO) to put the
low-dropout regulator (LDO) into shutdown mode.
FB
This pin is used as an input to the control loop error amplifier and is used to set the output voltage of the
LDO.
GND
Ground pin.
IN
Input pin. For best transient response and to minimize input impedance, use the recommended value or
larger ceramic capacitor from IN to ground as listed in the Recommended Operating Conditions table.
Place the input capacitor as close to the output of the device as possible.
NC
No internal connection. Ground this pin for better thermal performance.
OUT
Regulated output voltage pin. A capacitor is required from OUT to ground for stability. For best transient
response, use the nominal recommended value or larger ceramic capacitor from OUT to ground; Place the
output capacitor as close to the output of the device as possible.
PG
Power-good output. Available in open-drain and push-pull topologies. A pull-up resistor is only required for
the open-drain type. For the open-drain version (DIA7976AO and DIA7976BO), if the power-good
functionality is not being used, ground this pin or leave floating. For the push-pull version (DIA7976AP and
DIA7976BP), if the power-good functionality is not being used, leave this pin floating.
Thermal Pad
The thermal pad is left floating. Connect to the GND plane for improved thermal performance.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com