Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 152 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 152 Page - ABB

Back Button OPB2 Datasheet HTML 148Page - ABB OPB2 Datasheet HTML 149Page - ABB OPB2 Datasheet HTML 150Page - ABB OPB2 Datasheet HTML 151Page - ABB OPB2 Datasheet HTML 152Page - ABB OPB2 Datasheet HTML 153Page - ABB OPB2 Datasheet HTML 154Page - ABB OPB2 Datasheet HTML 155Page - ABB OPB2 Datasheet HTML 156Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 152 / 192 page
background image
Symbols
Base and DIN-rail mounting
Symbols
Motor operated
—
Motorized switch-disconnectors
OTM40..125
Type key
Understanding the type code keys below will help you quickly identify the correct
product for your needs.
ABB switch-disconnector brand
ABB Brand
F
Number of poles and placing of the operating
mechanism
Code for motor voltage in motor operated
switches
Construction 1
Symbols
3-poles
4-poles
Operation/Mounting/Certification
OT
OTM
40
M
3
3
M
4
F
ABB motorized switch-disconnector brand
OTM
Switch size
The second letter in the code indicates
the ampere rating [A] of the product:
40...125 A
230V
Motor voltage Ue = 110...240 V AC/DC
152
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
152
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com