Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 154 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 154 Page - ABB

Back Button OPB2 Datasheet HTML 150Page - ABB OPB2 Datasheet HTML 151Page - ABB OPB2 Datasheet HTML 152Page - ABB OPB2 Datasheet HTML 153Page - ABB OPB2 Datasheet HTML 154Page - ABB OPB2 Datasheet HTML 155Page - ABB OPB2 Datasheet HTML 156Page - ABB OPB2 Datasheet HTML 157Page - ABB OPB2 Datasheet HTML 158Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 154 / 192 page
background image
—
Motorized switch-disconnectors, IEC
Technical data
Technical data according to IEC 60947-3
Switch type
OTM40F
OTM63F
OTM80F
OTM100F
OTM125F
Rated insulation voltage and rated
operational voltage AC20/DC20
Pollution degree 3
800 V
800 V
800 V
800 V
800 V
Dielectric strength
Rated impulse withstand voltage
50 Hz 1 min. 6 kV
6 kV
6 kV
6 kV
6 kV
8 kV
8 kV
8 kV
8 kV
8 kV
Rated thermal current and rated
operational current AC20/DC20
Ambient 40 °C 2)
In open air
40 A
63 A
80 A
115 A
125 A
Ambient 40 °C 2)
In enclosure
40 A
63 A
80 A
115 A
125 A
Ambient 60 °C
In enclosure
32 A
50 A
63 A
80 A
100 A
..with minimum conductor cross section
Cu
10 mm²
16 mm²
25 mm²
35 mm²
50 mm²
Rated operational current, AC-21A
up to 500 V
40 A
63 A
80 A
100 A
125 A
690 V
40 A
63 A
80 A
100 A
125 A
Rated operational current, AC-22A
up to 500 V
40 A
63 A
80 A
100 A
125 A
690 V
40 A
63 A
80 A
100 A
125 A
Rated operational current, AC-23A
up to 415 V
40 A
63 A
80 A
80 A
90 A
500 V
40 A
63 A
80 A
80 A
70 A
690 V
40 A
40 A
40 A
40 A
50 A
Rated operational current /
poles in series, DC-21A
up to 48 V
40 A/1
63 A/1
80 A/1
100 A/1
125 A/1
110 V
40A/2
63 A/2
80 A/2
100 A/2
125 A/2
220 V
40 A/3
63 A/4
80 A/4
100 A/4
125 A/4
Rated operational current /
poles in series, DC-22A
up to 48 V
40 A/1
63 A/1
80 A/1
100 A/1
125 A/1
110 V
40 A/2
63 A/2
80 A/2
100 A/2
125 A/2
220 V
40 A/4
63 A/4
80 A/4
80 A/4
80 A/4
Rated operational current /
poles in series, DC-23A
up to 48 V
40 A/1
63 A/1
80 A/1
100 A/1
125 A/1
110 V
40 A/2
63 A/2
80 A/2
100 A/2
125 A/2
220 V
40 A/4
63 A/4
63 A/4
63 A/4
63 A/4
Rated operational power, AC-23A
(These values are given for guidance
and may vary acc. to the motor
manufacturer)
230 V
7.5 kW
15 kW
22 kW
22 kW
22 kW
400...415 V
18.5 kW
30 kW
37 kW
37 kW
45 kW
500 V
22 kW
37 kW
37 kW
37 kW
45 kW
690 V
37 kW
37 kW
37 kW
37 kW
45 kW
Rated breaking capacity, AC-23A
up to 415 V
320 A
504 A
640 A
640 A
720 A
500 V
320 A
480 A
480 A
480 A
560 A
690 V
320 A
320 A
320 A
320 A
400 A
Rated conditional short-circuit
current Icc (r.m.s.) and corresponding
max. allowed cut-off current Îc .
The cut-off current Îc refers to values
listed by fuse manufacturers
(single phase test acc. to IEC60269)
Iq50kA, 415V
Îc
16.5 kA
16.5 kA
16.5 kA
16.5 kA
16.5 kA
gG/aM
125 A/125 A
125 A/125 A
125 A/125 A
125 A/125 A
125 A/125 A
Iq18kA, 690V
Îc
11 kA
11 kA
11 kA
11 kA
11 kA
gG/aM
125 A/125 A
125 A/125 A
125 A/125 A
125 A/125 A
125 A/125 A
Iq50kA, 690V
Îc
gG/aM
63 A/63 A
63 A/63 A
63 A/63 A
63 A/63 A
63 A/63 A
Rated short-time withstand current
r.m.s. -value Icw
690 V, 1s.
2.5 kA
2.5 kA
2.5 kA
2.5 kA
2.5 kA
Rated short circuit making capacity 1)
Peak value Icm
690 V
3.6 kA
3.6 kA
3.6 kA
3.6 kA
3.6 kA
Rated capacitor power (The capacitor
ratings are limited by the fuse link.)
400...415 V
15 kVAr
25 kVAr
30 kVAr
40 kVAr
50 kVAr
Power loss / pole
With related current
1.6 W
2.8 W
3.5 W
4.0 W
6.3 W
Mechanical endurance
Divide by two for operation
cycles
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
20 000 Oper.
Cable size
Cu-wire size suitable
2.5...25 mm²
2x2.5...16 mm²
10...70 mm²
10...70 mm²
10...70 mm²
10...70 mm²
For terminal clamps
14-4 AWG
2x14-6 AWG
8-2/0 AWG
8-2/0 AWG
8-2/0 AWG
8-2/0 AWG
Terminal tightening torque
Counter torque required
6 Nm
55 Ib.in
6 Nm
55 Ib.in
6 Nm
55 Ib.in
6 Nm
55 Ib.in
6 Nm
55 Ib.in
Operating torque
3-pole switches
5 Nm
5 Nm
5 Nm
5 Nm
5 Nm
Weight without accessories
3-pole
0.89 kg
0.89 kg
0.89 kg
0.89 kg
0.89 kg
4-pole
1.00 kg
1.00 kg
1.00 kg
1.00 kg
1.00 kg
1)
Short circuit duration >50 ms, without fuse protection
2)
Acc. to IEC 60947-1, § 6.1.1.
154
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
154
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com