Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 169 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 169 Page - ABB

Back Button OPB2 Datasheet HTML 165Page - ABB OPB2 Datasheet HTML 166Page - ABB OPB2 Datasheet HTML 167Page - ABB OPB2 Datasheet HTML 168Page - ABB OPB2 Datasheet HTML 169Page - ABB OPB2 Datasheet HTML 170Page - ABB OPB2 Datasheet HTML 171Page - ABB OPB2 Datasheet HTML 172Page - ABB OPB2 Datasheet HTML 173Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 169 / 192 page
background image
—
Motorized switch-disconnectors
Dimensional drawings
Motorized switch-disconnectors with wide phase distance, base mounting, IEC
ABB Oy
Piirustus No.
Document No.
Teki
Prepared
Hyväksyi
Approved
Tarkasti
Checked
13/OTM3200-4000_W8M A
Breakers and Switches
2013-02-26
T Mäkkylä
260
A1
206
258
A
171
186
B
A2
13,5
100
68
296
364
376
410
284
85
15 (OTM3200)
20 (OTM4000)
104,5 (OTM4000)
109,5 (OTM3200)
5
165,5
61
15
269
245
141
400
200
156,5
223
240
217
264
100,5
170,5
OTM3200-4000_W8M
A
A1
A2
B
E2
185
230
561,5
591,5
E3
185
230
746,5
776,5
E4
185
230
931,5
961,5
OTM_3200...4000_W8M
20
0,79
170
6,69
130
5,12
A1
100
3,94
A2
65
2,56
Ø9,0
0,35
150
5,91
122
4,80
33,5
1,32
A
B
135,5/5,34
178,5/7,03
M07014/OTM160...250E_WM2_4 A
OTM160-250_WM
[mm/in]
E2W
E3W
E4W
A
43/1,69
43/1,69
43/1,69
A1
118/4,65
118/4,65
118/4,65
A2
255/10,05
298/11,74
341/13,43
B
277/10,91
320/12,61
363/14,3
M8
138
5,44
181
7,13
83/35,5
3,27/1,40
49,5
1,95
0,12
3
25
0,98
14
0,55
65
2,56
20
0,79
37
1,46
198
7,8
OTM160...250E_WM
OTM3200-4000_W8M
[mm]
E3
E4
A
185
185
A1
230
230
A2
746.5
931.5
B
776.5
961.5
M00434/OTM3200-4000_W8M A
Main dimensions mm, inches
OTM160-250_WM
[mm]
E2W
E3W
E4W
A
43/1,69
43/1,69
43/1,69
A1
118/4,65 118/4,65 118/4,65
A2
255/10,05 298/11,74 341/13,43
B
277/10,91 320/12,61 363/14,3
M07014/OTM160...250E_WM2_4 A
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
169
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
169



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com