Electronic Components Datasheet Search
  English  ▼

X  

OPB2 Datasheet(PDF) 171 Page - ABB

Part # OPB2
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OPB2 Datasheet(HTML) 171 Page - ABB

Back Button OPB2 Datasheet HTML 167Page - ABB OPB2 Datasheet HTML 168Page - ABB OPB2 Datasheet HTML 169Page - ABB OPB2 Datasheet HTML 170Page - ABB OPB2 Datasheet HTML 171Page - ABB OPB2 Datasheet HTML 172Page - ABB OPB2 Datasheet HTML 173Page - ABB OPB2 Datasheet HTML 174Page - ABB OPB2 Datasheet HTML 175Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 171 / 192 page
background image
Auxiliary contacts for OTM40...4000, IP20
Contact numbering according to EN 50013. Types _AU have gold plated contacts for harsh
environments and low operating voltages. Auxiliary contacts are mountable on right side in
types OTM40…4000 or under the mechanism cover in types OTM160…4000. Early break
type auxiliary contacts means that in the switches, the NO aux.contacts break before
the main contacts open.
In types with auxiliary contacts mountable under the mechanism cover, the “test” contacts
operate in ON- and OFF-positions as well as when the handle is turned to TEST-position (45°
over the OFF-position). The “test indication” contacts operate only when the handle is
turned to TEST-position. The OA1G10 (N.O.) or OA3G01 (N.C.) auxiliary contact blocks can be
used as standard auxiliary contacts, “test” or “test indication” contacts. The desired func-
tions are achieved when an auxiliary contact block is installed in a specific place.
See next pages for performance data, functions and contact timing.
Suitable
for switches
Function
Type
Order code
Weight/
unit
kg
Mounting on the right side OTM40…125
Maximum 2 auxiliary contact blocks, snap-on mounting
OTM40…125
1NO, early break
OA1G10
1SCA022353R4970
0.03
OTM40..125
1NC, early make
OA8G01
1SCA022744R2240
0.03
OTM40…125
1NO, early break
OA1G10AU
1SCA022436R7910
0.03
OTM40...125F3
1NO+1NC, simultaneous
function
with the main contacts
OA2G11
1SCA022379R8100
0.03
Mounting on the right side OTM160…4000:
Maximum 2+2 auxiliary contact blocks (N.O. or N.C.), snap-on mounting.
OTM160…4000
1NO, early break
OA1G10
1SCA022353R4970
0.03
OTM160…4000
1NC, early make
OA3G01
1SCA022456R7410
0.03
OTM160…4000
1NO, early break
OA1G10AU
1SCA022436R7910
0.03
OTM160…4000
1NC, early make
OA3G01AU
1SCA022819R5260
0.03
Mounting under the mechanism cover OTM160…4000:
See next page for maximum number of contact blocks, “Aux./test” contacts and “test indication”.
OTM160…4000
1NO, early break
OA1G10
1SCA022353R4970
0.03
OTM160…4000
1NC, early make
OA3G01
1SCA022456R7410
0.03
OTM160…4000
1NO, early break
OA1G10AU
1SCA022436R7910
0.03
OTM160…4000
1NC, early make
OA3G01AU
1SCA022819R5260
0.03
Mounting under the mechanism cover,
OTM160…4000:
Maximum number
of contact blocks
Aux./Test
contacts
Test indication
contacts
OTM160...250
2
2
-
OTM315...400
4
-
2
OTM630...800
4
-
2
OTM 1000...4000
6
2 1)
4
1)
Early operation test contact
—
Accessories for motorized switch-disconnectors
Ordering information for auxiliary contacts
OA1G10, OA8G01, OA3G01
OA2G11
14
13
1 no
1NO
22
21
1 nc
1NC
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
171
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
171



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com