Electronic Components Datasheet Search
  English  ▼

X  

OT2000EP04P Datasheet(PDF) 31 Page - ABB

Part # OT2000EP04P
Description  Switch-disconnectors High performance, compact solution
PDF  192 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ABB [ABB]
Direct Link  http://www.abb.com
Logo ABB - ABB

OT2000EP04P Datasheet(HTML) 31 Page - ABB

Back Button OT2000EP04P Datasheet HTML 27Page - ABB OT2000EP04P Datasheet HTML 28Page - ABB OT2000EP04P Datasheet HTML 29Page - ABB OT2000EP04P Datasheet HTML 30Page - ABB OT2000EP04P Datasheet HTML 31Page - ABB OT2000EP04P Datasheet HTML 32Page - ABB OT2000EP04P Datasheet HTML 33Page - ABB OT2000EP04P Datasheet HTML 34Page - ABB OT2000EP04P Datasheet HTML 35Page - ABB Next Button
Zoom Inzoom in Zoom Outzoom out
 31 / 192 page
background image
—
Manual switch-disconnectors OT16...160
Dimensional drawings
Front operated switch-disconnectors, installation switches, base and DIN-rail mounting, IEC
13/OT16-40M
11
0.43
57/2.24
EN 50022
68
2.68
2,5
0.10
15
0.59
45
1.77
40/1.57
60
2.36
ø4,5/0.18
45
1.77
5
0.20
I
0
OA1L11
35/1.38
27/1.06
17
0.67
62
2.44
9
0.35
I
0
11
0.43
11
0.43
9
0.35
22
0.87
10
0.39
44
1.73
OT_M4
52/2.05
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-09-06
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
C
C) Inches added
mm
in
OT16...40M
Front operated switch-disconnectors, base and DIN-rail mounting, IEC and UL/CSA
13/OT63ML
Nimitys
Title
Piirustus No.
Document No.
Versio
Revision
Sivu
Sheet
2016-09-06
T Mäkkylä
Mittapiirustus
Dimension drawing
ABB Oy
Protection and Connection
Teki
Prepared
Muutokset
Changes
B
B) Inches added
90
3.54
90
3.54
91,5
3.60
57,5/2.26
62,5/2.46
11
0.43
45
1.77
43,5/1.71
82,5
3.25
43,5/1.71
79/3.11
13
0.51
OA2L11
17,5
0.69
17,5
0.69
10
0.39
9
0.35
17,5
0.69
Ø 4,5
0.18
5
0.20
54
2.13
EN50022
mm
in
OT63ML
Main dimensions mm, inches
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
31
ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION
31



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com