| Electronic Components Datasheet Search |
|
OT2000EP04P Datasheet(PDF) 76 Page - ABB |
|
|
|||||||||||||||||||||||||||||
OT2000EP04P Datasheet(HTML) 76 Page - ABB |
|
76 / 192 page ![]() — Manual switch-disconnectors OT160...4000, IEC Ordering information — Front operated switch-disconnectors OT160...800, base mounting, IEC Including a black ON-OFF plastic pistol handle and shaft as standard. The handle is IP65 protected, padlockable in the OFF-position. The door is interlocked when the handle is in ON position and in OFF position when the handle is padlocked. The shaft can be adjusted to different installation depths, see mounting depths in page 127. Number of poles Open air thermal current Ith Rated operat. currents AC22A/AC23A 400...415 V Type Order code Weight/ unit A A/A kg 3 200 200/160 OT160EV03P 1SCA120514R1001 1.6 4 200 200/160 OT160EV04P 1SCA120521R1001 2.0 3 200 200/160 OT160EV12P 1SCA120529R1001 1.6 4 200 200/160 OT160EV22P 1SCA120537R1001 2.0 3 200 200/200 OT200E03P 1SCA022712R0800 1.6 4 200 200/200 OT200E04P 1SCA022713R4930 2.0 3 200 200/200 OT200E12P 1SCA022721R3990 1.6 4 200 200/200 OT200E22P 1SCA022721R4020 2.0 3 250 250/250 OT250E03P 1SCA022710R0100 1.6 4 250 250/250 OT250E04P 1SCA022710R0520 2.0 3 250 250/250 OT250E12P 1SCA022721R4110 1.6 4 250 250/250 OT250E22P 1SCA022721R4290 2.0 3 315 315/315 OT315E03P 1SCA022718R8510 3.1 4 315 315/315 OT315E04P 1SCA022719R1730 3.7 3 315 315/315 OT315E12P 1SCA022727R4190 3.1 4 315 315/315 OT315E22P 1SCA022727R4270 3.7 3 400 400/400 OT400E03P 1SCA022718R8780 3.1 4 400 400/400 OT400E04P 1SCA022719R1810 3.7 3 400 400/400 OT400E12P 1SCA022727R5750 3.1 4 400 400/400 OT400E22P 1SCA022727R5830 3.7 3 630 630/630 OT630E03P 1SCA022718R8940 6.3 3+N 1) 630 630/630 OT630E03N3P 1SCA022779R4860 6.7 4 630 630/630 OT630E04P 1SCA022719R2030 7.5 3 630 630/630 OT630E12P 1SCA022753R4790 6.3 4 630 630/630 OT630E22P 1SCA022753R4870 7.5 3 800 800/800 OT800E03P 1SCA022718R9410 6.3 3+N 1) 800 800/800 OT800E03N3P 1SCA022779R4780 6.7 4 800 800/800 OT800E04P 1SCA022719R2110 7.5 3 800 800/800 OT800E12P 1SCA022753R5170 6.3 4 800 800/800 OT800E22P 1SCA022753R5250 7.5 1) Include a detachable neutral link integrated into the mechanism. — Shafts, pistol handles and terminal bolt kits included as standard Suitable for switches Shaft Handle Terminal bolt kit OT160EV…250_P OXP6X210 OHB65J6 M8x25 OT315…400_P OXP12X185 OHB95J12 M10x30 OT630…800_P OXP12X185 OHB125J12 M12x40 OT315...400E03P OT630...800E03P OT630...800E04P OT630...800E22P OT630...800E12P 76 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION 76 ABB SWITCH-DISCONNECTORS – HIGH PERFORMANCE, COMPACT SOLUTION |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |