Electronic Components Datasheet Search
  English  ▼

X  

EG8010 Datasheet(PDF) 11 Page - Jingjing Microelectronics Co., Ltd

Part # EG8010
Description  Single Phase Sinusoid Inverter ASIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG8010 Datasheet(HTML) 11 Page - Jingjing Microelectronics Co., Ltd

Back Button EG8010 Datasheet HTML 7Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 8Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 14Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 15Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
micro corp.
EG8010 Datasheets
                                              ASIC for single-phase SPWM control 
Copyright © 2014 by EG Microelectronics Corporation 
www.EGmicro.com 
12 / 20 
 
 
8. Application note
8.1 AC Output Voltage Feedback
EG8010 works under two modulation modes: unipolar modulation and bipolar modulation.
Under unipolar modulation, only one bridge (EG8010 pins SPWMOUT3 & SPWMOUT4) is used
for SPWM modulate output, and another bridge (EG8010 pins SPWMOUT1,SPWMOUT2) is used
for fundamental wave output. A filter inductor needs to connect to SPWM output port, and a voltage
feedback circuit needs to connect to SPWM inductor’s output port(as shown in Fig 8.1a). Under
bipolar modulation, both bridges (EG8010 pins SPWM3, SPWM4, SPWM1, SPWM2) are used for
SPWM output. Using both inductors will result in better flirting, a voltage feedback circuit need
difference and feedback handling by voltage divider of both channels (as shown in Fig 8.c).
 
Under unipolar modulation, EG8010’s voltage feedback process is through measuring the AC
voltage output of inverter by pin(13)VFB. Pin (16)FRQADJ/VFB2 only functions as FRQADJ,
while VFB2 feedback has no effect. For such voltage sampling and feedback circuit shown in Fig
8.1a, it calculates the error between measured peak voltage and the sinusoid voltage reference (3V),
and adjusts the output voltage accordingly. When output voltage increases, the pin voltage increases.
The circuit does the error calculation and adjust range divider factor, therefore decreases the voltage
to achieve voltage stabilization. Conversely, as the voltage on this pin decreases, the chip will
increase output voltage.
 
 
CH1:220V/50Hz AC output wave CH1:  VFB voltage feedback wave 
Figure 8.1a EG8010voltage sampling and feedback circuit under unipolar modulation
Figure 8.1bObservedSPWM unipolar modulation sinusoid output and VFB feedback wave
 
Figure 8.1b is the actual testing wave under unipolar modulation. EG8010 uses the peak point
sampling to output voltage, which has advantages of accurate voltage stabilization and short voltage
adjustment time. If output voltage is deviated by some reasons such as change of load or input
voltage, EG8010 can recover to expected output voltage in one to three AC cycle.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com