Electronic Components Datasheet Search
  English  ▼

X  

EG8010 Datasheet(PDF) 13 Page - Jingjing Microelectronics Co., Ltd

Part # EG8010
Description  Single Phase Sinusoid Inverter ASIC
PDF  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EGMICRO [Jingjing Microelectronics Co., Ltd]
Direct Link  http://www.egmicro.com/
Logo EGMICRO - Jingjing Microelectronics Co., Ltd

EG8010 Datasheet(HTML) 13 Page - Jingjing Microelectronics Co., Ltd

Back Button EG8010 Datasheet HTML 9Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 10Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 11Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 12Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 13Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 14Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 15Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 16Page - Jingjing Microelectronics Co., Ltd EG8010 Datasheet HTML 17Page - Jingjing Microelectronics Co., Ltd Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 20 page
background image
micro corp.
EG8010 Datasheets
                                              ASIC for single-phase SPWM control 
Copyright © 2014 by EG Microelectronics Corporation 
www.EGmicro.com 
14 / 20 
 
does not function regularly after five 16-second cycle, it will complete turn off the output of SPWM
unit. It needs a hard reset to start again. If in some scenarios the starting current is relatively high and
it takes longer timeto start, which overcurrent protection is not suitable, Pin IFB can beconnected to
the ground.
8.3 Temperature Feedback
Pin TFB measures inverter’s environment temperature. Its main functions are overtemperature
protection detection and displaying the environment temperature onto 12832 LCD. For temperature
detection circuit shown in figure 8.3a, NTC thermal resistor RT1 and measuring resistor RF1 form a
simple voltage divider circuit. Voltage changes as the NTC resistance changes, and thus we can
acquire the corresponding temperature. Thermal resistor has 10k resistance at 25℃(B=3380). Pin
TFB’s overtemperature voltage sets at 4.3V. EG8010 will set the level of SPWMOUT1 to
SPWMOUT4 at “0” or “1” and shut down all power MOSFET to decrease the voltage to zero
depending on pin (9)PWMTYP’s setting. Once overtemperature protection activates, EG8010 will
re-determine environment temperature. If pin TFB ‘s voltage is below 4.0V, EG8010 will turn off
overtemperature protection and the inverter functions regularly. If overtemperature protection is not
used, this pin needs to be grounded.
 
Figure 8.3a EG8010 Temperature detection circuit
 
8.4 PWM Output Type Set
Pin PWMTYP selects PWM’s output type. If PWMTYP is “0”, positive PWM output applies to
the field where the dead level is meanwhile low(such as driver IR2110 or IR2106). Figure 8.4a is the
output wave of pin SPWMOUT (high electrical level drives power MOSFET.)Figure 8.4b is an
application schematic of drive IR2110 when PWMTYP= “0”.
 
Figure 8.4a EG8010 Positive PWM output
Figure 8.4b EG8010 Positive PWM driver IR2110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com